Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF431 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MF431
Description  Datacom, Telecom, General Purpose LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MF431 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MF431 Datasheet HTML 1Page - Mitel Networks Corporation MF431 Datasheet HTML 2Page - Mitel Networks Corporation MF431 Datasheet HTML 3Page - Mitel Networks Corporation MF431 Datasheet HTML 4Page - Mitel Networks Corporation MF431 Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
13
7.89
2-56 UNC - 2B
max.0.5
min.12
20.1
3.9
5.4
7.6
3/8"-32 UNEF
0.006
FIBER
END
Ø2.5
Ø2.502
+0.01
0
+0
-0.004
RECOMMENDED
FERRULE
(not included)
Typical Drive Circuit
ST Packaging Hardware
-5V
V
REF
ECL
I
MF431
9.53
12.70
1.65
0.46
10.41
14.27
HEX-NUT
WASHER
3/8 - 32 UNEF
2B THREAD
Note: The LED chip is isolated from the case. All dimensions in mm.
Datacom, Telecom, General Purpose LED
MF431
MF431 ST Mechanical Data



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com