Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF799ST Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MF799ST
Description  Datacom, Video Link, Intra-Office Telecom, WDM Duplex Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MF799ST Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MF799ST Datasheet HTML 1Page - Mitel Networks Corporation MF799ST Datasheet HTML 2Page - Mitel Networks Corporation MF799ST Datasheet HTML 3Page - Mitel Networks Corporation MF799ST Datasheet HTML 4Page - Mitel Networks Corporation MF799ST Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
29
LED Optical & Electrical Characteristics (Case Temperature -25 to +70˚C)
Units
dBm
ns
MHz
nm
nm
V
µA
pF
Test Conditions
IPeak=60mA (Note 1, 2)
IF=60mA (Note 2)
IF=60mA (Note 2)
IF=60mA
IF=60mA
IF=60mA
VR=1V
VR=0V, f=1MHz
Max.
2
840
60
2.1
20
Min.
-19
800
Typ.
1.5
250
820
50
20
Symbol
Pfiber
tr tf
fc
λ
p
∆λ
VF
IR
C
Parameter
Fiber-Coupled-Power (Fig 1)
Rise & Fall Time (10-90% no bias)
Bandwidth (3dBel)
Peak Wavelength
Spectral Width (FWHM)
Forward Voltage (Fig 3)
Reverse Current
Capacitance
Note 1: Average power at 10MHz/50% duty cycle. Measured at the exit of 100m of fiber. Note 2: 62.5/125µm graded index fiber (NA=0.275).
Absolute Maximum Ratings*
Units
°C
°C
mW
mA
mA
V
V
°C
Max.
+85
+85
250
110
180
1.5
20
260
Min.
-40
-40
Symbol
Tstg
Top
Ptot
IF
IFRM
VRL
VRP
Tsld
Parameter
Storage Temperature
Operating Temperature (Fig 2)
LED Power Dissipation (Fig 2)
LED Continuous Forward Current (f
≤10kHz)
LED Peak Forward Current (Duty cycle
≤50%, f
≥1MHz)
LED Reverse Voltage
PIN Reverse Voltage
Solder Temperature (Note 1)
*Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied. Note 1: 2mm from the case for 10s.
PIN Optical & Electrical Characteristics (Case Temperature -25 to +70˚C)
Units
A/W
MHz
pF
nA
nA
Test Conditions
VR=5V λ=1320nm
(note 1)
VR=5V RL=50Ω
(note 1)
VR=5V f=1MHz
TCase=25˚C
TCase=70˚C
VR=5V ILED=0mA
VR=5V ILED=60mA
(note 2)
Max.
5
100
Min.
0.5
500
Typ.
1.6
75
Symbol
R
fc
C
Id
ICr
Parameter
Responsivity (Fig 4)
Bandwidth
Capacitance (Fig 5)
Dark Current
Crosstalk Current
Note 1: 62.5/125µm graded index fiber (NA=0.275) Note 2: Internal crosstalk with ceramic ferrule inserted but no power from the fiber. Total Current = Dark
Current + Crosstalk Current.
LED Thermal Characteristics
Units
˚C/W
˚C/W
%/˚C
nm/˚C
Max.
200
300
Min.
Typ.
-0.6
0.3
Symbol
Rthjc
Rthjb
dP/dTj
d
λ/dT
j
PIN Thermal Characteristics
Units
%/˚C
%/˚C
Max.
Min.
Typ.
5
-0.6
Symbol
dId/dTj
dICr/dTj
Parameter
Temperature Coefficient - Dark Current
Temperature Coefficient - Crosstalk Current
Datacom, Video Link, Intra-Office Telecom, WDM Duplex Device
MF799
Parameter
Thermal Resistance - Infinite Heat Sink
Thermal Resistance - On PC Board
Temperature Coefficient - Optical Power
Temperature Coefficient - Wavelength



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com