Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF799ST Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MF799ST
Description  Datacom, Video Link, Intra-Office Telecom, WDM Duplex Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MF799ST Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MF799ST Datasheet HTML 1Page - Mitel Networks Corporation MF799ST Datasheet HTML 2Page - Mitel Networks Corporation MF799ST Datasheet HTML 3Page - Mitel Networks Corporation MF799ST Datasheet HTML 4Page - Mitel Networks Corporation MF799ST Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
28
Applications
• Ethernet 10 or 100Mbps
• Token Ring
• Fibre Channel 266Mbps
• FDDI
• ATM-SDH/SONET 155Mbps
• Intra-Office Telecom
• WDM Applications
Features
• Full Duplex Communication
Over One Fiber
• Dual Wavelengths
820/1300nm
• Very Small Size
• Very Low Internal Crosstalk
• Packaged in Industry-
Standard ST® Receptacle
• Designed for 62.5/125µm
Fiber
Description
Used in combination with the
MF699, the MF-799 Duplex
Device is designed for WDM
(Wavelength Division Multiplex),
Datacom, Video Links, or Intra-
Office Telecom Applications. It
emits optical power at 820nm
and detects incoming optical
power at 1320nm, allowing full
Duplex Communication over
one single fiber.
The MF799 uses dichroic
(wavelength-selective)
beamsplitters for maximum
power budget and minimum
crosstalk. Minimum internal
crosstalk is achieved by the
use of wavelength-selective
Detectors. The long wavelength
path meets requirements for
FDDI (ANSI X3T9.5 and ATM
155Mbps.
The MF799 is designed for
multi-mode fiber and optimized
for 62.5/125µm fiber.
ST Assembly
MF799 ST
DICHROIC
BEAMSPLITTER
LED
1320nm
PIN
1320nm
LED
820nm
PIN
820nm
FIBER
MF799
MF699
BOTTOM VIEW
BOTTOM VIEW
BOTTOM VIEW
ANODE
ANODE
CATHODE
ANODE
CATHODE
BOTTOM VIEW
ANODE
CATHODE
13329.11 1997-04-01
MF799 Datacom, Video Link, Intra-Office Telecom, WDM Duplex Device
Ordering Information
PART #
RECEPTACLE
MF799
ST
-40°C to +85°C
MF799 Functional Diagram


Similar Part No. - MF799ST

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MF70 DYNEX-MF70 Datasheet
65Kb / 8P
Fast Recovery Diode
logo
Riedon Powertron
MF70 RIEDON-MF70 Datasheet
237Kb / 1P
Film Resistors
logo
Dynex Semiconductor
MF70-1200 DYNEX-MF70-1200 Datasheet
65Kb / 8P
Fast Recovery Diode
MF70-1400 DYNEX-MF70-1400 Datasheet
65Kb / 8P
Fast Recovery Diode
MF70-1600 DYNEX-MF70-1600 Datasheet
65Kb / 8P
Fast Recovery Diode
More results

Similar Description - MF799ST

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A358 MITEL-1A358 Datasheet
190Kb / 10P
High-Performance PIN(Datacom, Telecom, General Purpose)
1A388 MITEL-1A388 Datasheet
182Kb / 9P
High-Performance LED(Datacom, Intra-Office Telecom)
4D469 MITEL-4D469 Datasheet
74Kb / 3P
VCSEL Array(Parallel Datacom, Telecom)
4D470 MITEL-4D470 Datasheet
73Kb / 3P
PIN Array(Parallel Datacom, Telecom)
8C443 MITEL-8C443 Datasheet
182Kb / 9P
PIN/Preamp(Datacom, Telecom)
MF431 MITEL-MF431 Datasheet
137Kb / 5P
Datacom, Telecom, General Purpose LED
MF432 MITEL-MF432 Datasheet
205Kb / 7P
Datacom, Telecom, General Purpose PIN Photodiodes
MF699 MITEL-MF699 Datasheet
182Kb / 5P
Datacom, Video Link, Intra-Office Telecom, WDM Duplex Device
logo
STMicroelectronics
MF430 STMICROELECTRONICS-MF430 Datasheet
133Kb / 4P
Datacom, Telecom, General Purpose LED
1997-04-01
logo
M/A-COM Technology Solu...
SCW1301F-050FCR MA-COM-SCW1301F-050FCR Datasheet
195Kb / 2P
Telecom / Datacom Laser Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com