Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # M
Description  High Reliability Thick Film Resistor,Surface Mount Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M Datasheet(HTML) 1 Page - Vishay Siliconix

  M Datasheet HTML 1Page - Vishay Siliconix M Datasheet HTML 2Page - Vishay Siliconix M Datasheet HTML 3Page - Vishay Siliconix M Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
M
www.vishay.com
Vishay Dale Thin Film
Revision: 07-Aug-14
1
Document Number: 60031
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Reliability Thick Film Resistor,
Surface Mount Chip
Utilizing proven expertise in thick and thin film resistors to
satisfy your manufacturing needs, Vishay provides a high rel
chip with the same reliability and stability found in military
grade resistors. These chips are available in the widest
range of sizes, values, and performance characteristics. And
manufactured on the Mil-PRF-55342 qualified controlled
production line All product is 100 % electrical tested for
tolerance and after thermal shock testing and typically meet
the
requirements
of
group
A
in
MIL-PRF-55342
performance.
CONSTRUCTION
FEATURES
• High purity alumina substrate for high power
dissipation (2 W max.)
• Wraparound terminations featuring a thin film
adhesion layer covered with a leach resistant
nickel barrier layer for +150 °C operating
conditions
• High speed laser trimming for high volume
requirements
• Ruthenium
based
cermet
thick
film
for
dependable performance
• Fired-on glass passivation
• Tape and reel packaging standard; static-free
waffle pack available
• Active trim and 0
 chips
• Sulfur resistant (per ASTM B809-95 humid vapor test)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
TYPICAL PERFORMANCE
Notes
• Consult factory for nominals above 25 M
(1) 0705 and 0805 are the same (only use 0805 when ordering)
Actual Size
0502
Resistor
Overglaze
Alumina Substrate
Inner Electrode
Nickel Barrier
Plated Solder
ABSOLUTE
TCR
100
TOL.
1
Available
Available
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Ruthenium
-
Resistance Range
10
 to 25 M
-
TCR: Absolute
± 100 ppm/°C to ± 300 ppm/°C
-55 °C to +125 °C
Tolerance: Absolute
± 1 % to ± 10 %
-
Stability: Absolute
R ± 0.15 %
-
Stability: Ratio
--
Voltage Coefficient
--
Working Voltage
25 V to 200 V
-
Operating Temperature Range
-55 °C to +155 °C
-
Storage Temperature Range
-55 °C to +155 °C
-
Noise
< -35 dB (typical)
-
Shelf Life Stability: Absolute
--
COMPONENT RATINGS
CASE SIZE (1)
POWER RATING (mW)
WORKING VOLTAGE (V)
RESISTANCE RANGE (
)
0402
100
25
10 to 10M
0502
100
25
10 to 25M
0504
125
40
10 to 25M
0505
125
40
10 to 25M
0603
150
40
10 to 25M
0705
200
50
10 to 25M
0805
200
50
10 to 25M
1005
250
75
10 to 25M
1010
500
75
10 to 25M
1206
330
100
10 to 25M
1505
350
100
10 to 25M
2010
1000
175
10 to 25M
2208
750
150
10 to 25M
2512
2000
200
10 to 25M


Similar Description - M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CZA VISHAY-CZA Datasheet
108Kb / 3P
Thick Film Chip Resistor Attenuator, Surface Mount
27-Apr-10
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
RC1608J111CS SAMSUNG-RC1608J111CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
Thick Film Chip Resistor
logo
Samsung semiconductor
RC0603J271CS SAMSUNG-RC0603J271CS Datasheet
73Kb / 2P
Thick - Film chip RESISTOR
RC1005J123CS SAMSUNG-RC1005J123CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
Thick - Film chip RESISTOR
RP164PJ000CS SAMSUNG-RP164PJ000CS Datasheet
4Mb / 20P
THICK-FILM CHIP RESISTOR
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
Thick Film Chip Resistor
logo
Vishay Siliconix
LPS800 VISHAY-LPS800_15 Datasheet
104Kb / 4P
High Reliability Thick Film Resistor, Surface Mount Chip
07-Aug-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com