Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # M
Description  High Reliability Thick Film Resistor,Surface Mount Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M Datasheet(HTML) 2 Page - Vishay Siliconix

  M Datasheet HTML 1Page - Vishay Siliconix M Datasheet HTML 2Page - Vishay Siliconix M Datasheet HTML 3Page - Vishay Siliconix M Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M
www.vishay.com
Vishay Dale Thin Film
Revision: 07-Aug-14
2
Document Number: 60031
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) 0705 and 0805 are the same (only use 0805 when ordering)
DIMENSIONS in inches
CASE SIZE
TERM
L
W
T
D
E
0402
B
0.042 ± 0.006
0.022 ± 0.005
0.010 to 0.033
0.010 ± 0.005
0.010 ± 0.005
0502
B
0.055 ± 0.005
0.025 ± 0.005
0.020 max.
0.010 ± 0.005
0.015 ± 0.005
0504
B
0.055 ± 0.005
0.040 ± 0.005
0.020 ± 0.005
0.010 ± 0.005
0.010 ± 0.005
0505
B
0.055 ± 0.006
0.050 ± 0.005
0.012 to 0.033
0.010 ± 0.005
0.015 ± 0.005
0603
B
0.064 ± 0.006
0.032 ± 0.005
0.010 to 0.033
0.012 ± 0.005
0.015 ± 0.005
0705, 0805 (1)
B
0.080 ± 0.006
0.050 ± 0.005
0.015 to 0.033
0.015 ± 0.005
0.015 ± 0.005
1005
B
0.105 ± 0.007
0.050 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
1010
B
0.105 ± 0.007
0.100 ± 0.005
0.015 to 0.033
0.015 ± 0.005
0.015 ± 0.005
1206
B
0.126 ± 0.008
0.063 ± 0.005
0.015 to 0.033
0.020 + 0.005 / - 0.010
0.020 + 0.005 / - 0.010
1505
B
0.155 ± 0.007
0.050 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
2010
B
0.197 ± 0.006
0.098 ± 0.005
0.015 to 0.033
0.015 ± 0.005
0.015 ± 0.005
2208
B
0.230 ± 0.007
0.075 ± 0.005
0.015 to 0.033
0.015 ± 0.005
0.015 ± 0.005
2512
B
0.250 ± 0.006
0.124 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
ENVIRONMENTAL TESTS
ENVIRONMENTAL TEST
10
 R ± (%)
100 k
 R ± (%)
Thermal Shock
0.02
0.03
Short Term Overload
0.02
0.02
Low Temperature Operation
0.03
0.04
Resistance to Solder Heat
0.06
0.02
Moisture Resistance
0.10
0.08
High Temperature Exposure
0.02
0.02
DERATING CURVE
D
W
L
T
E
Ambient Temperature °C
070
125
155
0
20
40
60
80
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com