Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDT3205APP Datasheet(PDF) 4 Page - BOWIN ELECTRONIC CO.

Part # CDT3205APP
Description  ???LED 雍멨눣?㎩댍IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3205APP Datasheet(HTML) 4 Page - BOWIN ELECTRONIC CO.

  CDT3205APP Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3205APP Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3205APP Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3205APP Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3205APP Datasheet HTML 5Page - BOWIN ELECTRONIC CO. CDT3205APP Datasheet HTML 6Page - BOWIN ELECTRONIC CO. CDT3205APP Datasheet HTML 7Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CDT-3205 ---
4
CDT3205
APP.
6 OUTPUTS FLASH DRIVER
■
AC
應用線路 – 3 燈來回閃
說 明
1.
由於要從 AC 線路取出電流較難, 所以要用電容式降壓整流方式,
C1
愈大取出電流也大。
ZD
:3.0V – 4.3V 皆可。
2. IC
:CDT3205-01 或 CDT3205-04 皆可。
CDT3205-01
可不接 Rosc, CDT3205-04 需外接電阻調速度。
OSCI
OSCO
ALLON
L1
FLASH
L2
VDD
L3
CG
L4
OS
L5
ON/OFF
L6
VSS
RST
Rosc
CDT3205-04
AC 110V
1N4007
C1
ZD
C2
3.9V
200K
1.5
μF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com