Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDT3205APP Datasheet(PDF) 6 Page - BOWIN ELECTRONIC CO.

Part # CDT3205APP
Description  ???LED 雍멨눣?㎩댍IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3205APP Datasheet(HTML) 6 Page - BOWIN ELECTRONIC CO.

  CDT3205APP Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3205APP Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3205APP Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3205APP Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3205APP Datasheet HTML 5Page - BOWIN ELECTRONIC CO. CDT3205APP Datasheet HTML 6Page - BOWIN ELECTRONIC CO. CDT3205APP Datasheet HTML 7Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CDT-3205 ---
6
1
1
CDT3205
APP.
六個 LED 輸出控制 IC
IC
編 號
8PIN
正印 平 常 功 能
PIN4
PIN4+VDD
功能
CDT-3205-01
2051A
順閃
ALLON
全亮
CDT-3205-01
2051B
順閃
FLASH
全閃
CDT-3205-01
2051C
來回閃
ALLON
全亮
CDT-3205-01
2051D
來回閃
FLASH
全閃
應用參考線路
8PIN: 2051A
1.
平常:OFF .
踩煞車: 全亮
2.
開小夜燈時:順閃, 踩煞車: 全亮
L3
L4
L2
L5
L1
VSS
※
VDD
8
2
7
3
6
4
5
8 PIN
包裝腳位
煞車
L4
L2
L5
L1
VSS
ALLON
1K
8
2
7
3
6
4
5
-
-
-
-
+
+
+
+
L3
12VDC
1N4001
CDT3205-1
8550
8550
100UF
120 X 4
VDD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com