Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH89101 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MH89101
Description  Passive Line Termination Circuit Advance Information
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89101 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MH89101 Datasheet HTML 1Page - Mitel Networks Corporation MH89101 Datasheet HTML 2Page - Mitel Networks Corporation MH89101 Datasheet HTML 3Page - Mitel Networks Corporation MH89101 Datasheet HTML 4Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
9-31
Advance Information
MH89101
Functional Description
The termination network is an all passive circuit
which allows the DSLIC to interface to the DSL
through a pulse transformer. The equivalent circuit
of the Passive
Line Termination Network can be
seen in Figure 3 below.
The PLT consists of two blocks which includes a
hybrid network and a compensator circuit.
The hybrid network is a 2 to 4 wire converter which
provides a large degree of precancellation of the
near end signal while presenting little attenuation to
the far end signal.
This is performed using a
summing junction which effectively subtracts the
transmit signal from the receive path.
The compensator circuit, in conjunction with the
transformer, acts as a highpass filter reducing the
low frequency content in the received line signal.
This, in turn, decreases the effects of ISI and near
end echo, and improves the transceiver perfor-
mance.
Typical Application
Figure 4 shows a typical connection diagram of the
MT8910 DSLIC and the Passive Line Termination
Circuit. As seen in Figure 4, the PLT is positioned
between the DSLIC and the line pulse transformer.
Two series protection resistors on the secondary of
the line pulse transformer are used to dissipate any
extraneous energy which may be induced onto the
transmission line.
Figure 3 - Passive Line Termination Network
TXIN +
RXOUT +
RXOUT -
TXIN -
680 pF
130 K
Ω
68K2
Ω
130 K
Ω
680 pF
3.3 nF
20 K
Ω
7K8
Ω
20 K
Ω
3.3 nF
Rs = 30.2 Ω
Rb1
1K6
Ω
Rb1
1K6
Ω
Rs = 30.2 Ω
Rb2
1K
Ω
Rb2
1K
Ω
XFM +
XFM -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com