Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH89101 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MH89101
Description  Passive Line Termination Circuit Advance Information
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89101 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MH89101 Datasheet HTML 1Page - Mitel Networks Corporation MH89101 Datasheet HTML 2Page - Mitel Networks Corporation MH89101 Datasheet HTML 3Page - Mitel Networks Corporation MH89101 Datasheet HTML 4Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
9-32
MH89101
Advance Information
Figure 4 - Typical Connection Diagram
Figure 5 - Physical Dimensions
MT8910
Lout +
Lin +
Lin -
Lout -
MH89101
TXin +
RXout +
RXout -
TXin -
XFM +
XFM -
D1
+ 5V
D3
D2
7mH
D4
1:1.3
10
Ω ± 10%
5.5 mH
1.5
µF
5.5 mH
Power
Feed/Extract
10
Ω ± 10%
Note: D1-D4 Schottky Diodes MUR 105
15.24 mm ± 0.51 mm
1.45 mm max.
(0.058")
2.54 mm ± 0.254 mm
(0.1" ± 0.010")
0.5 mm nominal
(0.020")
4.45 mm ± 0.39 mm
(0.175" ± 0.015")
10.67 mm ± 0.51 mm
(0.42" ± 0.020")
(0.6" ± 0.020")
1
NOTE:
All dimensions mm (inches)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com