Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5841HS Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5841HS
Description  Audio Multi-function Digital Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5841HS Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5841HS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SM5841H
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Audio Multi-function Digital Filter
OVERVIEW
The SM5841H is an 8-times oversampling (interpo-
lation) digital filter for digital audio reproduction
equipment. It accepts 16 or 18-bit input data, and
outputs data in 16, 18 or 20-bit format, making a
wide range of interfaces possible. It also features
digital deemphasis for 3 sampling frequencies, a
noise shaper to reduce quantization noise, a DC off-
set output and other circuits.
FEATURES
Functions
s
2-channel processing
s
8-times (8fs) oversampling (interpolation)
s
Digital deemphasis (fs = 48/44.1/32 kHz)
s
Serial input data
2s complement, MSB first, 16/18-bit
s
Serial output data
2s complement, MSB first, 16/18/20-bit
s
1st-order noise shaper (for 16/18-bit output only)
s
256fs/384fs system clock selectable
s
Output data DC offset (approximately 0.8%)
ON/OFF control
s
TTL-compatible input/outputs
s
5 V (standard) supply
s
3.2 V operating voltage
s
Molybdenum-gate CMOS
Filter Characteristics
s
3-stage DC FIR interpolation filter
1st stage (fs
→ 2fs), 69-tap
2nd stage (2fs
→ 4fs), 13-tap
3rd stage (4fs
→ 8fs), 9-tap
s
IIR deemphasis filter for gain and phase character-
istics close to those of analog filters
s
Overflow limiter built-in
APPLICATIONS
s
Digital amplifiers
s
CD players
s
DAT players
s
DBS systems
s
PCM systems
ORDERING INFOMATION
Device
Package
SM5841HP
18pin DIP
SM5841HS
22pin SOP


Similar Part No. - SM5841HS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
Audio Multi-function Digital Filter
SM5841B NPC-SM5841B Datasheet
750Kb / 27P
Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
Audio Multi-function Digital Filter
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
Audio Multi-function Digital Filter
More results

Similar Description - SM5841HS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5803AP NPC-SM5803AP Datasheet
1Mb / 16P
Multi-function Digital Filter for Digital Audio
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
For Digital Audio Multi-function Digital Filter
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
Audio Multi-function Digital Filter
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
Audio Multi-function Digital Filter
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
Audio Multi-function Digital Filter
SM5842AP NPC-SM5842AP Datasheet
201Kb / 23P
High-Class Audio Multi-function Digital Filter
SM5843A NPC-SM5843A Datasheet
263Kb / 24P
Audio Multi-function Digital Filter
SM5847AF NPC-SM5847AF Datasheet
337Kb / 30P
High-fidelity Digital Audio, Multi-function Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com