Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC02A Datasheet(PDF) 3 Page - ON Semiconductor

Part # 74LVC02A
Description  Low-Voltage CMOS Quad 2-Input NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC02A Datasheet(HTML) 3 Page - ON Semiconductor

  74LVC02A Datasheet HTML 1Page - ON Semiconductor 74LVC02A Datasheet HTML 2Page - ON Semiconductor 74LVC02A Datasheet HTML 3Page - ON Semiconductor 74LVC02A Datasheet HTML 4Page - ON Semiconductor 74LVC02A Datasheet HTML 5Page - ON Semiconductor 74LVC02A Datasheet HTML 6Page - ON Semiconductor 74LVC02A Datasheet HTML 7Page - ON Semiconductor 74LVC02A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74LVC02A
www.onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Condition
Unit
VCC
DC Supply Voltage
−0.5 to +6.5
V
VI
DC Input Voltage
−0.5
≤ VI ≤ +6.5
V
VO
DC Output Voltage
−0.5
≤ VO ≤ VCC + 0.5
Output in HIGH or LOW State
(Note 1)
V
IIK
DC Input Diode Current
−50
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
+50
VO > VCC
mA
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current Per Ground Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for
10 Seconds
TL = 260
°C
TJ
Junction Temperature Under Bias
TJ = 135
°C
qJA
Thermal Resistance (Note 2)
SOIC = 85
TSSOP = 100
°C/W
MSL
Moisture Sensitivity
Level 1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. IO absolute maximum rating must be observed.
2. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2 ounce copper trace no air flow.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Units
VCC
Supply Voltage
Operating
Functional
1.65
1.2
3.6
3.6
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
HIGH or LOW State
3−State
0
0
VCC
5.5
V
IOH
HIGH Level Output Current
VCC = 3.0 V − 3.6 V
VCC = 2.7 V − 3.0 V
−24
−12
mA
IOL
LOW Level Output Current
VCC = 3.0 V − 3.6 V
VCC = 2.7 V − 3.0 V
24
12
mA
TA
Operating Free−Air Temperature
−40
+125
°C
Dt/DV
Input Transition Rise or Fall Rate
VCC = 1.65 V to 2.7 V
VCC = 2.7 V to 3.6 V
0
0
20
10
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com