Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC02A Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74LVC02A
Description  Low-Voltage CMOS Quad 2-Input NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC02A Datasheet(HTML) 4 Page - ON Semiconductor

  74LVC02A Datasheet HTML 1Page - ON Semiconductor 74LVC02A Datasheet HTML 2Page - ON Semiconductor 74LVC02A Datasheet HTML 3Page - ON Semiconductor 74LVC02A Datasheet HTML 4Page - ON Semiconductor 74LVC02A Datasheet HTML 5Page - ON Semiconductor 74LVC02A Datasheet HTML 6Page - ON Semiconductor 74LVC02A Datasheet HTML 7Page - ON Semiconductor 74LVC02A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74LVC02A
www.onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
−40
5C to +855C
−40
5C to +1255C
Unit
Min
Typ
(Note 3)
Max
Min
Typ
(Note 3)
Max
VIH
HIGH−level input
voltage
VCC = 1.2 V
1.08
−
−
1.08
−
−
V
VCC = 1.65 V to 1.95 V
0.65 x
VCC
−
−
0.65 x
VCC
−
−
VCC = 2.3 V to 2.7 V
1.7
−
−
1.7
−
−
VCC = 2.7 V to 3.6 V
2.0
−
−
2.0
−
−
VIL
LOW−level input
voltage
VCC = 1.2 V
−
−
0.12
−
−
0.12
V
VCC = 1.65 V to 1.95 V
−
−
0.35 x
VCC
−
−
0.35 x
VCC
VCC = 2.3 V to 2.7 V
−
−
0.7
−
−
0.7
VCC = 2.7 V to 3.6 V
−
−
0.8
−
−
0.8
VOH
HIGH−level output
voltage
VI = VIH or VIL
V
IO = −100 mA;
VCC = 1.65 V to 3.6 V
VCC −
0.2
−
−
VCC −
0.3
−
−
IO = −4 mA; VCC = 1.65 V
1.2
−
−
1.05
−
−
IO = −8 mA; VCC = 2.3 V
1.8
−
−
1.65
−
−
IO = −12 mA; VCC = 2.7 V
2.2
−
−
2.05
−
−
IO = −18 mA; VCC = 3.0 V
2.4
−
−
2.25
−
−
IO = −24 mA; VCC = 3.0 V
2.2
−
−
2.0
−
−
VOL
LOW−level output
voltage
VI = VIH or VIL
V
IO = 100 mA;
VCC = 1.65 V to 3.6 V
−
−
0.2
−
−
0.3
IO = 4 mA; VCC = 1.65 V
−
−
0.45
−
−
0.65
IO = 8 mA; VCC = 2.3 V
−
−
0.6
−
−
0.8
IO = 12 mA; VCC = 2.7 V
−
−
0.4
−
−
0.6
IO = −24 mA; VCC = 3.0 V
−
−
0.55
−
−
0.8
II
Input leakage current
VI = 5.5V or GND VCC = 3.6 V
−
±0.1
±5
−
±0.1
±20
mA
IOFF
Power−off leakage
current
VI or VO = 5.5 V; VCC = 0.0 V
−
±0.1
±10
−
±0.1
±20
mA
ICC
Supply current
VI = VCC or GND; IO = 0 A;
VCC = 3.6 V
−
0.1
10
−
0.1
40
mA
DICC
Additional supply
current
per input pin;
VI = VCC − 0.6 V; IO = 0 A;
VCC = 2.7 V to 3.6 V
−
5
500
−
5
5000
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. All typical values are measured at TA = 25°C and VCC = 3.3 V, unless stated otherwise.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com