Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8804AP Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT8804AP
Description  CMOS 8 x 4 Analog Switch Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8804AP Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT8804AP Datasheet HTML 1Page - Mitel Networks Corporation MT8804AP Datasheet HTML 2Page - Mitel Networks Corporation MT8804AP Datasheet HTML 3Page - Mitel Networks Corporation MT8804AP Datasheet HTML 4Page - Mitel Networks Corporation MT8804AP Datasheet HTML 5Page - Mitel Networks Corporation MT8804AP Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MT8804A CMOS
3-6
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
† DC Electrical Characteristics are at ambient temperature (25°C).
‡ Typical figures are for design aid only; not guaranteed and not subject to production testing.
Absolute Maximum Ratings* - Voltages are with respect to V
EE unless otherwise stated.
Parameter
Symbol
Min
Max
Units
1
Supply Voltage
VDD-VSS
VDD-VEE
VSS-VEE
-0.3
-0.3
-0.3
16
16
16
V
V
V
2
Analog Input Voltage
VINA
VEE-0.3
VDD+0.3
V
3
Digital Input Voltage
VIN
VSS-0.3
VDD+0.3
V
4
Current on any Logic Pin
I
10
mA
5
Storage Temperature
TS
-65
+150
°C
6
Package Power Dissipation
PLASTIC DIP
CERDIP
PD
PD
0.6
1.2
W
W
Recommended Operating Conditions - Voltages are with respect to V
EE unless otherwise stated.
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Operating Temperature
TO
-40
25
85
°C
2
Supply Voltage
VDD-VSS
VDD-VEE
VSS-VEE
5
5
0
5
10
5
15
15
10
V
V
V
3
Analog Input Voltage
VINA
VEE
VDD
V
4
Digital Input Voltage
VIN
VSS
VDD
V
DC Electrical Characteristics† - Voltages are with respect to V
EE=VSS=0V.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Quiescent Supply Current
IDD
1100
µAVDD=15V. All digital inputs at
VIN=VSS or VDD
2
Off-state Leakage Current
(Any line to any junctor)
IOFF
±0.1
±500
nA
VDD=13V, Switch is ‘Off’
IVJi - VLjI = VDD - VEE
3
Input Logic “0” level
VIL
3.0
1.5
V
V
VDD =10V
VDD=5V
VINA=VDD through 1kΩ
4
Input Logic “1” level
VIH
7.0
3.5
V
V
VDD =10V
VDD=5V
VINA=VDD through 1kΩ
5
Maximum current through
Crosspoint Switch
IMAX
±8.0
mA
VDD=13V
DC Electrical Characteristics- Switch Resistance - V
DC is the external DC offset applied at the analog I/O pins.
Characteristics
Sym
25°C
70°C
85°C
Units
Test Conditions
Min
Typ
Max
Typ
Typ
1 On-state
VDD=13V
Resistance VDD=10V
VDD= 5V
RON
60
90
105
290
108
160
650
105
120
320
110
125
325
Ω
Ω
Ω
VSS=VEE=0V,VDC=VDD/2,
IVJi - VLjI = 0.6V
2 Difference in on-state
resistance between
two switches
VDD=13V
VDD=10V
∆R
ON
20
30
20
30
20
30
Ω
Ω
VSS=VEE=0V,VDC=VDD/2,
IVJi - VLjI = 0.6V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com