Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8804AP Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT8804AP
Description  CMOS 8 x 4 Analog Switch Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8804AP Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT8804AP Datasheet HTML 1Page - Mitel Networks Corporation MT8804AP Datasheet HTML 2Page - Mitel Networks Corporation MT8804AP Datasheet HTML 3Page - Mitel Networks Corporation MT8804AP Datasheet HTML 4Page - Mitel Networks Corporation MT8804AP Datasheet HTML 5Page - Mitel Networks Corporation MT8804AP Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CMOS
MT8804A
3-7
† AC Electrical Characteristics are at ambient temperature (25°C).
‡ Typical figures are for design aid only; not guaranteed and not subject to production testing.
† AC Electrical Characteristics are at ambient temperature (25°C).
‡ Typical figures are for design aid only; not guaranteed and not subject to production testing.
Note 1 RL= 10kΩ, CL=50pF
Note 2 RL= 1kΩ, CL=50pF
Digital Input rise time (tr) and fall time (tf) = 5ns.
AC Electrical Characteristics† - Crosspoint Performance -V
DC is the external DC offset applied at the analog
I/O pins. Voltages are with respect to VDD=10V, VSS=VEE=0V unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Switch Line Capacitance
CIS
5pF
2
Switch Junctor Capacitance
COS
20
pF
3
Feedthrough Capacitance
CI
0.2
pF
4
Frequency Response
Channel “ON”
20LOG(VOUT / VINA) = -3dB
F3dB
40
MHz
Switch is “ON”; VDC=5V,
VINA=5Vpp sinewave
f= 1kHz;
RL = 1kΩ
5
Total Harmonic Distortion
VDD=15V/VDC=7.5V
VDD=10V/VDC=5V
VDD=5V/VDC=2.5V
THD
0.1
0.2
1.0
%
%
%
Switch is “ON”; VEE=VSS=0V
VINA=5Vpp sinewave
f= 1kHz;
RL = 10kΩ
6
Feedthrough
Channel “OFF”
Feed.=20LOG (VOUT / VINA)
FDT
-50
dB
All Switches “OFF”; VINA=
5Vpp sinewave f= 1MHz;
RL= 1kΩ. VDC=5V
7
Crosstalk between any two
channels for switches Li - Ji and
Lj - Jj.
Li - Ji is “ON“
Lj - Jj is “OFF“
Xtalk=20LOG (VJj/VLi).
Xtalk
-40
-90
dB
dB
VINA=2Vpp sinewave
f= 1.0MHz; RL = 600Ω.
VINA=2Vpp sinewave
f= 3.4kHz; RL = 600Ω.
VDC = 5V
8
Propagation delay through
switch
tPS
10
ns
CL=50pF
AC Electrical Characteristics† - Control and I/O Timings- Voltages are with respect to V
SS=VEE=0V unless
otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Digital Input Capacitance
CDI
5pF
VDD=10V
2
Setup Time D0-D3 to AE
tDS
150
200
ns
ns
VDD=10V
VDD=5V
3
Hold Time D0-D3 to AE
tDH
120
300
ns
ns
VDD=10V
VDD=5V
4
Setup Time Address to AE
tAS
0
50
ns
ns
VDD=10V
VDD=5V
5
Hold Time Address to AE
tAH
120
300
ns
ns
VDD=10V
VDD=5V
6
AE Pulse Width
tAEW
100
250
ns
ns
VDD=10V
VDD=5V
7
AE to Switch Status Delay
tPAE
200
650
300
900
ns
ns
VDD=10V
VDD=5V
8
DATA to Switch Status Delay
tPLH
tPHL
250
650
400
1000
ns
ns
VDD=10V
VDD=5V
9
MR to Switch Status Delay
tMR
tMRR
250
500
200
500
400
600
350
750
ns
ns
ns
ns
VDD=10V
VDD=5V
VDD=10V
VDD=5V
See Note 1
See Note 1
See Note 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com