Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1817 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ASM1817
Description  Low Power Open-Drain Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1817 Datasheet(HTML) 1 Page - ON Semiconductor

  ASM1817 Datasheet HTML 1Page - ON Semiconductor ASM1817 Datasheet HTML 2Page - ON Semiconductor ASM1817 Datasheet HTML 3Page - ON Semiconductor ASM1817 Datasheet HTML 4Page - ON Semiconductor ASM1817 Datasheet HTML 5Page - ON Semiconductor ASM1817 Datasheet HTML 6Page - ON Semiconductor ASM1817 Datasheet HTML 7Page - ON Semiconductor ASM1817 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2011
August, 2011 − Rev. 3
1
Publication Order Number:
ASM1816/D
ASM1816
Low Power, 3.3 V/3.0 V,
mP Reset, Active LOW,
Open-Drain Output
Description
The ASM1816 is a voltage supervisory device with low−power,
3.3 V/3 V
mP Reset, active LOW, open−drain output. Maximum
supply current over temperature is a low 15
mA (at 3.6 V).
The ASM1816 generates an active LOW reset signal whenever the
monitored supply is out of tolerance. A precision reference and
comparator circuit monitor power supply (VCC) level. Tolerance level
options are 5%, 10%, 15% and 20%. When an out−of−tolerance
condition is detected, an internal power−fail signal is generated which
forces an active LOW reset signal. After VCC returns to an
in−tolerance condition, the reset signal remains active for 150 ms to
allow the power supply and system microprocessor to stabilize.
The ASM1816 is designed with a open−drain output stage and
operates over the extended industrial temperature range. Devices are
available in TO−92 and compact surface mount SOT−23 packages.
Other low power products in this family include the
ASM1810/11/12/15/17, ASM1233D and ASM1233M.
Features
• Low Supply Current
20
mA Maximum (5.5 V)
15
mA Maximum (3.6 V)
• Automatically Restarts a Microprocessor after Power Failure
• 150 ms Reset Delay after VCC Returns to an In−tolerance Condition
• Active LOW Power−up Reset
• Precision Temperature−compensated Voltage Reference and
Comparator
• Eliminates External Components
• TO−92 and Compact Surface Mount SOT−23 Package
• Operating Temperature −40°C to +85°C
Applications
• Set−top Boxes
• Cellular Phones
• PDAs
• Energy Management Systems
• Embedded Control Systems
• Printers
• Single Board Computers
http://onsemi.com
PIN CONFIGURATIONS
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
TO−92
ASM1816
SOT−23
3 LEAD
CASE 527AG
TO−92
3 LEAD
CASE 29−11
SOT−23
(Top View)
GND
RESET
VCC
1
2
3
123
12 3
(Top View)


Similar Part No. - ASM1817

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1817 ALSC-ASM1817 Datasheet
232Kb / 9P
Low Power, 3.3V/3.0V uP Reset, Active HIGH, Push-Pull Output
ASM1817-10 ALSC-ASM1817-10 Datasheet
232Kb / 9P
Low Power, 3.3V/3.0V uP Reset, Active HIGH, Push-Pull Output
ASM1817-10/T ALSC-ASM1817-10/T Datasheet
232Kb / 9P
Low Power, 3.3V/3.0V uP Reset, Active HIGH, Push-Pull Output
ASM1817-10F ALSC-ASM1817-10F Datasheet
232Kb / 9P
Low Power, 3.3V/3.0V uP Reset, Active HIGH, Push-Pull Output
ASM1817-10F/T ALSC-ASM1817-10F/T Datasheet
232Kb / 9P
Low Power, 3.3V/3.0V uP Reset, Active HIGH, Push-Pull Output
More results

Similar Description - ASM1817

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06 Datasheet
78Kb / 15P
Low-power inverter with open-drain output
Rev. 02-24 August 2006
logo
Microchip Technology
MCP6566 MICROCHIP-MCP6566 Datasheet
778Kb / 44P
1.8V Low Power Open-Drain Output Comparator
2009
logo
NXP Semiconductors
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
Low-power inverter with open-drain output
Rev. 04-10 June 2009
74AUP1G07 NXP-74AUP1G07 Datasheet
91Kb / 15P
Low-power buffer with open-drain output
Rev. 03-17 June 2009
74AUP1G07 PHILIPS-74AUP1G07_11 Datasheet
126Kb / 18P
Low-power buffer with open-drain output
Rev. 5-15 November 2011
74AXP1G06 PHILIPS-74AXP1G06_15 Datasheet
176Kb / 17P
Low-power inverter with open-drain output
Rev. 1-15 January 2014
logo
Unisonic Technologies
10N65Z UTC-10N65Z_15 Datasheet
217Kb / 5P
LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AXP1G07 NEXPERIA-74AXP1G07 Datasheet
834Kb / 17P
Low-power buffer with open-drain output
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com