Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE512C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE512C
Description  Low Quiescent Current: 100uA at 5V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE512C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE512C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE512C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE512C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE512C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE512C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE512C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE512C Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE512C
1.5A Linear Regulator
VER 1.1
3
Electrical Characteristics
Test conditions: CIN=4.7uF, COUT=4.7uF, TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Mum
Unit
Input Voltage
VDD
1.5*
6
V
Output
Voltage
VOUT>1.5
VOUT
VDD=Set VOUT+1V
1mA≦IOUT≦10mA
VOUT*0.98
VOUT
VOUT*1.02
V
VOUT<=1.5
VOUT-0.03
VOUT+0.03
Maximum Output
Current
IOUT (Max.) **
VDD-VOUT=1V
1.5
A
Dropout Voltage
VDROP
VOUT=3.3V, IOUT=1.5A
300
500
mV
Line Regulation
△VOUT
△VINVOUT
IOUT=10mA
4V≦VDD≦6V
0.05
0.2
%/V
Load Regulation
△VOUT
VDD=Set VOUT+1V
1mA≦IOUT≦2.5A
30
60
mV
Supply Current
Is
VDD=Set VOUT+1V
VOUT Floating
100
150
uA
Output Voltage
Temperature
Coefficient
△VOUT
△TVOUT
IOUT=10mA
±100
ppm/℃
Ripple Rejection
PSRR
f=100Hz,
Ripple=0.5Vp-p
VDD=Set VOUT+1V
70
dB
Output Noise
en
BW=10Hz~100KHz
44
uVrms
Note: Iout=500mA@Vout=1.2V
**The maximum power rating of each package is a constant, so along with the change of ILOAD, the VDD-VOUT
should be controlled to a certain range to ensure the normal operation.
Block Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com