Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE512C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE512C
Description  Low Quiescent Current: 100uA at 5V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE512C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE512C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE512C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE512C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE512C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE512C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE512C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE512C Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE512C
1.5A Linear Regulator
VER 1.1
1
Description
ACE512C series are a group of positive voltage output, high precise , and low power consumption
voltage regulator. Voltages are selectable in 100mV steps within a range of 1.2V to 5.0V. It also can be
customized on command.
ACE512C series have excellent load and line
transient response and good temperature characteristics,
which can assure the stability of chip and power system. And it uses trimming technique to guarantee
output voltage accuracy within ±
2% .
ACE512C series are available in SOT-223 package, which are lead (Pb)- free.
Features
• Low Quiescent Current: 100uA at 5V
• High PSRR: 70dB range to 1KHz
• Low Output Noise: 44uVRMS
• Low Dropout: 300mV at 1A load
• Maximum output current: 1.5A
• Highly Accurate: ±2%
• Low ESR Ceramic Capacitor Compatible
Applications
• Reference Voltage Source
• Battery Powered Equipment
• PC Peripherals
• Wireless Devices
• Instrumentation
Absolute Maximum Ratings
Parameter
Value
Max Input voltage
8V
Operating Junction Temperature(TJ)
125℃
Ambient Temperature (TA)
-40~85℃
Package Thermal Resistance
SOT-223
20℃/W
Storage temperature(TS)
- 40 to 150℃
Lead Temperature & Time
260℃,10 Sec
Note:Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE512C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE510 ACE-ACE510 Datasheet
229Kb / 9P
Dual, Low noise, 150mA LDO regulator
VER 1.2
ACE510ACGM+H ACE-ACE510ACGM+H Datasheet
229Kb / 9P
Dual, Low noise, 150mA LDO regulator
VER 1.2
ACE510ADGM+H ACE-ACE510ADGM+H Datasheet
229Kb / 9P
Dual, Low noise, 150mA LDO regulator
VER 1.2
ACE510AEGM+H ACE-ACE510AEGM+H Datasheet
229Kb / 9P
Dual, Low noise, 150mA LDO regulator
VER 1.2
ACE510BCGM+H ACE-ACE510BCGM+H Datasheet
229Kb / 9P
Dual, Low noise, 150mA LDO regulator
VER 1.2
More results

Similar Description - ACE512C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936-50 NSC-LM2936-50 Datasheet
331Kb / 9P
Ultra-Low Quiescent Current 5V Regulator
LM2936-5.0 NSC-LM2936-5.0 Datasheet
414Kb / 10P
Ultra-Low Quiescent Current 5V Regulator
logo
Linear Technology
LT3437 LINER-LT3437 Datasheet
523Kb / 24P
High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT1977 LINER-LT1977 Datasheet
274Kb / 24P
High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
logo
Texas Instruments
LM2936-5.0EP TI1-LM2936-5.0EP Datasheet
512Kb / 16P
LM2936-5.0EP Enhanced Plastic Ultra-Low Quiescent Current 5V Regulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7311-OR1 AVAGO-ACPM-7311-OR1 Datasheet
672Kb / 16P
Low quiescent current
ACPM-7331-OR1 AVAGO-ACPM-7331-OR1 Datasheet
803Kb / 16P
Low quiescent current
ACPM-7381-OR1 AVAGO-ACPM-7381-OR1 Datasheet
803Kb / 15P
Low quiescent current
logo
STMicroelectronics
L5150BN STMICROELECTRONICS-L5150BN Datasheet
457Kb / 20P
Low quiescent current
03-Jun-2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com