Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE519C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE519C
Description  500mA High PSRR, Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE519C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE519C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE519C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE519C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE519C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE519C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE519C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE519C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE519C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE519C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACE519C
500mA High PSRR, Linear Regulator
VER 1.2
3
Block Diagram
Recommended Work Conditions
Item
Min
Max
Unit
Input Voltage Range
2
7
V
Ambient Temperature
-40
85
℃
Electrical Characteristics
ACE519C, For Arbitrary Output Voltage.(Test Conditions: Cin=1uF,Cout=1uF,TA=25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vin
Input Voltage
2
7
V
Vout
Output
Voltage
Vout>1.5V
Vin=Set Vout+1V
1mA≤Iout≤30mA
Vout
x0.98
Vout
Vout
x 1.02
V
Vout<=1.5V
Vout
-0.03
Vout
+0.03
Iout (Max.)
Maximun Output Current
Vin-Vout=1V
500
mA
Vdrop
1
Dropout Voltage,Vout≥2.8V
Iout=100mA
100
150
mV
Iout=300mA
300
400
mV
Iout=500mA
500
800
mV
△Vout/
△VinxVout LineRegulation
Iout=40mA
2.8V≤Vin≤6V
0.05
0.2
%/V
△Vout/△Iout LoadRegulation
Vin=Set Vout+1V
1mA≤Iout≤500mA
70
100
mV
Iss
Supply Current
Vin=Set Vout+1V
35
80
uA
Istandby
Supply Current (Srandby)
Vin=Set Vout+1V
Vce=Vss
0.1
1.0
uA
△Vout/
△TxVout OutputVoltageTemperature
Coefficient
Iout=30mA
±100
ppm/
°
C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com