Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE519C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE519C
Description  500mA High PSRR, Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE519C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE519C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE519C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE519C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE519C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE519C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE519C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE519C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE519C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE519C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE519C
500mA High PSRR, Linear Regulator
VER 1.2
1
Description
ACE519C series are a group of positive voltage output, low power consumption, low dropout voltage
regulators. It can provide foldback short-circuit protection and output current limit function.
ACE519C can provide output value in the range of 1.0V~4.5V every 0.1V step. It also can be customized
on command. ACE519C can also work under a wide input voltage ranging from 2V to 7V.
ACE519C includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module.
ACE519C has excellent load and line transient response and good temperature characteristics, which
can assure the stability of chip and power system. And it uses trimming technique to guarantee output
voltage accuracy within ±2%.
Features
• Input voltage range: 2~7V
• Output voltage range: 1.0V~4.5V (customized on command every 0.1V step)
• Low power consumption: 35uA (Typ.)
• Low output noise (47uVRMS)
• Shutdown mode: 0.1uA
• Low dropout voltage:
300mV@300mA (Typ.)
500mV@500mA (Typ.)
• High ripple rejection:70dB@1KHz (Typ.)
• Low temperature coefficient: ±100ppm/°C
• Excellent line regulation: 0.05%/V
• Build-in chip enable circuit
• Highly accurate: ±2%
• Output current limit 700mA@V
OUT=3.3V
• Fold-back short circuit current 250mA@ V
OUT=3.3V
Application
• Power source for cellular phones and various kind of PCSs
• Battery Powered equipment
• Power Management of MP3, PDA, DSC, Mouse, PS2 Games
• Voltage Reference
• Regulation after Switching Power
Typical Performance Characteristic:


Similar Part No. - ACE519C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE510 ACE-ACE510 Datasheet
229Kb / 9P
Dual, Low noise, 150mA LDO regulator
VER 1.2
ACE510ACGM+H ACE-ACE510ACGM+H Datasheet
229Kb / 9P
Dual, Low noise, 150mA LDO regulator
VER 1.2
ACE510ADGM+H ACE-ACE510ADGM+H Datasheet
229Kb / 9P
Dual, Low noise, 150mA LDO regulator
VER 1.2
ACE510AEGM+H ACE-ACE510AEGM+H Datasheet
229Kb / 9P
Dual, Low noise, 150mA LDO regulator
VER 1.2
ACE510BCGM+H ACE-ACE510BCGM+H Datasheet
229Kb / 9P
Dual, Low noise, 150mA LDO regulator
VER 1.2
More results

Similar Description - ACE519C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT78BXX HOLTEK-HT78BXX Datasheet
2Mb / 16P
High PSRR 500mA LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8565 BELLING-BL8565 Datasheet
157Kb / 7P
500mA High PSRR, Low Dropout Voltage Linear Regulator
BL8568 BELLING-BL8568 Datasheet
1Mb / 7P
500mA High PSRR, Low Noise, Fast Response Linear Regulator
BL8569 BELLING-BL8569 Datasheet
190Kb / 7P
Dual 500mA High PSRR Linear Regulator
logo
Monolithic Power System...
MP6402 MPS-MP6402 Datasheet
382Kb / 15P
Dual, High PSRR 500mA Linear Regulator With Integrated Reset Circuit
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A_16 Datasheet
109Kb / 10P
High PSRR Linear Regulator
December, 2014 ??Rev. 2
logo
SHANGHAI BELLING CO., L...
BL8568 BELLING-BL8568_13 Datasheet
804Kb / 8P
500mA High PSRR, Linear Regulator, w. Output Discharge
logo
Linear Technology
LT3045 LINER-LT3045 Datasheet
2Mb / 32P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM5633B HMSEMI-HM5633B Datasheet
2Mb / 10P
High PSRR linear regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com