Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE520C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE520C
Description  Dual 300mA High PSRR Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE520C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE520C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE520C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE520C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE520C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE520C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE520C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE520C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE520C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE520C
Dual 300mA High PSRR Linear Regulator
VER 1.5
2
Packaging Type
SOT-23-6
6
5
4
1
2
3
Ordering information
ACE520C X XXX + H
SOT-23-6(D)
SOT-23-6(E)
Description
Function
6
6
Vout1
Output 1 pin
2
5
Vdd
Input pin
4
1
Vout2
Output 2 pin
3
3
CE2
Chip Enable pin2
5
2
GND
Ground pin
1
4
CE1
Chip Enable pin1
Halogen - free
Output Voltage:
B:1.5V(Output1),2.8V(Output2)
C:1.5V(Output1),3.0V(Output2)
D:1.5V(Output1),3.3V(Output2)
E:1.5V(Output1),4.0V(Output2)
G:1.8V(Output1),2.5V(Output2)
H:1.8V(Output1),2.8V(Output2)
I: 1.8V(Output1),3.0V(Output2)
J:1.8V(Output1),3.3V(Output2)
M:2.8V(Output1),1.8V(Output2)
O:2.8V(Output1),2.8V(Output2)
P:2.8V(Output1),3.0V(Output2)
Q:3.0V(Output1),2.5V(Output2)
R:3.0V(Output1),3.0V(Output2)
Pb - free
DGM : SOT-23-6(D)
EGM : SOT-23-6(E)
S:3.0V(Output1),3.3V(Output2)
T:3.3V(Output1),1.8V(Output2)
U:3.3V(Output1),3.3V(Output2)
Y:2.8V(Output1),3.3V(Output2)
a:1.2V(Output1),2.5V(Output2)
b:2.8V(Output1),1.2V(Output2)
c:2.8V(Output1),1.3V(Output2)
d:2.5V(Output1),2.8V(Output2)
e:2.5V(Output1),3.3V(Output2)
g: 1.3V(Output1),2.8V(Output2)
x: 2.8V(Output1),1.5V(Output2)
h: 3.3V(Output1),2.8V(Output2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com