Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE520C Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE520C
Description  Dual 300mA High PSRR Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE520C Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE520C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE520C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE520C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE520C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE520C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE520C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE520C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE520C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ACE520C
Dual 300mA High PSRR Linear Regulator
VER 1.5
4
Electrical Characteristics
(Test Conditions: C1=1uF, Cout=3.3uF,TA=25℃, unless otherwise specified.)
ACE520C, For arbitrary output voltage
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VIN
6
V
Output Voltage
VOUT
Vin=Set Vout+1V
1mA≦Iout≦30mA
Vout
x0.98
Vout1
Vout
x1.02
V
Maximum Output Current
IOUT(Max.)
Vin-Vout=1V
300
mA
Dropout Voltage, Vout≧2.8V
Vdrop
Iout=100mA
100
150
mV
Iout=300mA
300
400
Line Regulation
ΔV
OUT /
ΔV
IN•VOUT
Iout=40mA
2.8V≦Vin≦6V
0.05
0.2
%/V
Load Regulation
ΔV
OUT
Vin=Set Vout+1V
1mA≦Iout≦300mA
50
80
mV
Supply Current
Iss
Vin=Set Vout+1V
35
800
uA
Supply Current (Srandby)
Istandby
Vin=Set Vout+1V
Vce=Gnd
0.1
1.0
uA
Output Voltage Temperature
Coefficiency
ΔV
OUT /
ΔT•V
OUT
Iout=30mA
±100
ppm/℃
Ripple Rejection
PSRR
F=100Hz
Ripple=0.5Vp-p
Vin=Set Vout+1V
70
dB
Short Current Limit
Llim
Vout=0V
300
mA
CE Input Voltage “H”
Vceh
1.5
Vin
V
CE Input Voltage “L”
Vcel
0
0.25
V
Output Noise
en
BW=10Hz~100kHz
47
uVrms
Discharge Resistor
Rdischarge
CE=0V, Vout=3.0V
1.5K
Ω
CE pin pull down resistor
Rcepd
CE=Vin=5V
500K
Ω
Typical Application Circuit
Note: Input capacitor(Cin=1uF) and Output capacitor(Cout=1uF/3.3uF) are recommended in all application circuit.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com