Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE710C Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE710C
Description  1A Synchronous PWM Boost converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE710C Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE710C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ACE710C
1A Synchronous PWM Boost converter
VER 1.1
4
Electrical Characteristics
TA=25
OC
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vin
Input Voltage Range
0.9
5
V
Vstart
Startup Voltage
Iout = 1mA
0.9
V
Vhold
Hold Voltage
Iout = 50mA
0.5
0.7
V
Vout
Output Voltage Range
1.8
5.5
V
Output voltage accuracy
Iout = 0mA
2
%
Line regulation
Iout = 50mA
0.1
0.2
%/V
Load regulation
Iout = 0~300mA
1
2
%
Fsoc
Switching Frequency
Vout=0.95Vo, No inductor
0.7
1
1.4
MHz
Max Duty cycle
Vout=0.95Vo, No inductor
85
90
95
%
IQ
Quiescent Current at Vout
Vout=1.05*Vo
5
8
15
uA
Supply current at Vin
Iout = 0mA
20
uA
Shutdown Supply Current at Vin
EN=0
0.1
1
uA
Efficiency
Iout = 100mA
85
%
RdsonP
PMOS Rdson
Isw =100mA
200
300
mohm
RdsonN
NMOS Rdson
Isw =100mA
100
150
mohm
Iswlk
SW Leakage Current
Vout=5.2V, Vsw=0 or
5.2V,EN=0
1
uA
Vh_en
EN Input High Voltage
1
V
Vl_en
EN Input Low Voltage
0.3
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com