Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE710C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE710C
Description  1A Synchronous PWM Boost converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE710C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE710C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE710C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE710C
1A Synchronous PWM Boost converter
VER 1.1
1
Description
The ACE710C is a step-up converter that provides a boosted output voltage from a low voltage source.
Because of its proprietary design, it starts up at a very low input voltage down to 0.9V, and only consumes
15uA at standby, making it an ideal choice for single cell alkaline/NiMH battery operations.
A switching frequency of 1MHz minimizes solution footprint by allowing the use of tiny, low profile
inductors and ceramic capacitors. The current mode PWM design is internally compensated, reducing
external parts count.
ACE710C is available in SOT23-5 Package.
Features
Efficiency up to 95%@Vin=4.0V, Vout=5.0V
Typical 15uA standby current
1MHz Switching Frequency allows small inductor and output cap
Input boost-strapping allows using small or no input cap
Low Vin Start-up Voltage down to 0.9V Ideal for Single Alkaline Cell operations
Maximum Output Current up to 1A
Low Noise PWM control
Internally Compensated Current Mode Control
Internal Synchronous Rectifier
Logic Control Shutdown (IQ<1uA)
Available in SOT23-5
Applications
One to Three Cell Battery Operated Devices
Medical Instruments
Bluetooth Headsets
Flash-Based MP3 Players
Noise Canceling Headphones


Similar Part No. - ACE710C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE710 ACE-ACE710 Datasheet
628Kb / 8P
0.9V startup, 0.6A 3.3V/5V Synchronous Boost DC/DC Converter
VER 1.3
More results

Similar Description - ACE710C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3401 LINER-LTC3401 Datasheet
240Kb / 16P
1A, 3MHz Micropower Synchronous Boost Converter
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
1A, 1.2MHz Synchronous Boost Converter
logo
Exar Corporation
XRP6658 EXAR-XRP6658 Datasheet
541Kb / 11P
1A 1.5MHz PFM/PWM Synchronous Step-Down Converter
logo
Linear Technology
LTC3401 LINER-LTC3401_15 Datasheet
240Kb / 16P
1A, 3MHz Micropower Synchronous Boost Converter
logo
Feeling Technology Corp...
FP6276B FEELING-FP6276B Datasheet
638Kb / 12P
500kHz 6A High Efficiency Synchronous PWM Boost Converter
FP6288 FEELING-FP6288 Datasheet
432Kb / 12P
Non-Synchronous PWM Boost Converter
FP6296 FEELING-FP6296 Datasheet
627Kb / 13P
10A Current Mode Non-Synchronous PWM Boost Converter
logo
SHOUDING Shouding Semic...
SD6276 SHOUDING-SD6276 Datasheet
2Mb / 9P
10A Current Mode Non Synchronous PWM Boost Converter
logo
Shenzhen Huazhimei Semi...
HM9229 HMSEMI-HM9229 Datasheet
911Kb / 12P
10A Current Mode Non-Synchronous PWM Boost Converter
HM5175 HMSEMI-HM5175 Datasheet
754Kb / 11P
500kHz 6A High Efficiency Synchronous PWM Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com