Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE722E Datasheet(PDF) 13 Page - ACE Technology Co., LTD.

Part # ACE722E
Description  3MHz 2A Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE722E Datasheet(HTML) 13 Page - ACE Technology Co., LTD.

Back Button ACE722E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 9Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 10Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 11Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 12Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 13Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 14Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 15Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 16Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ACE722E
3MHz 2A Step-Down Converter
VER 1.1
13
UVLO and
Thermal Shutdown
If IN drops below 1.9V, the UVLO circuit inhibits switching. Once IN rises above 2.1V, the UVLO clears,
and the soft-start sequence activates. Thermal-overload protection limits total power dissipation in the
device. When the junction temperature exceeds TJ= +160°C, a thermal sensor forces the device into
shutdown, allowing the die to cool. The thermal sensor turns the device on again after the junction
temperature cools by 15°C, resulting in a pulsed output during continuous overload conditions. Following
a thermal- shutdown condition, the soft-start sequence begins.
DESIGN PROCEDURE
Setting Output Voltages
Output voltages are set by external resistors. The FB threshold is 0.6V.
RTOP = RBOTTOM x [(VOUT / 0.6) - 1]
Inductor Selection
The peak-to-peak ripple is limited to 30% of the maximum output current. This places the peak current
far enough from the minimum overcurrent trip level to ensure reliable operation while providing enough
current ripples for the current mode converter to operate stably. In this case, for 2A maximum output
current, the maximum inductor ripple current is 667 mA. The inductor size is estimated as following
equation:
LIDEAL=(VIN(MAX)-VOUT)/IRIPPLE*DMIN*(1/FOSC)
Therefore, for VOUT=1.8V,
The inductor values is calculated to be L = 0.6
0μH.
Chose 1
Μh.
For VOUT =1.2V,
The inductor values is calculated to be L = 0.469μH.
Chose 0.47μH
The resulting ripple is
IRIPPLE =(VIN(MAX)-VOUT)/LACTUAL*DMIN*(1/FOSC)
When,
VOUT=1.8V, IRIPPLE = 403mA
VOUT=1.2V, IRIPPLE = 665mA
Output Capacitor Selection
For most applications a nominal 10
μ F or 22μ F capacitor is suitable. The ACE722E internal
compensation is designed for a fixed corner frequency that is equal to
1
FC= 1 2∗ π√COUT∗ L = 50Khz
For example, for VOUT=1.8V, L=1μ H, COUT=10μ F, for VOUT =1.2V, L=0.47μ H, COUT=22μ F
The output capacitor keeps output ripple small and ensures control-loop stability. The output capacitor
must also have low impedance at the switching frequency. Ceramic, polymer, and tantalum capacitors are
suitable, with ceramic exhibiting the lowest ESR and
high-frequency impedance. Output ripple with a
ceramic output capacitor is approximately as follows: VRIPPLE = IL(PEAK)[1 / (2π
x f
OSC x COUT)]
If the capacitor has significant ESR, the output ripple component due to capacitor ESR is as follows:
VRIPPLE(ESR) = IL(PEAK) x ESR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com