Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE722E Datasheet(PDF) 16 Page - ACE Technology Co., LTD.

Part # ACE722E
Description  3MHz 2A Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE722E Datasheet(HTML) 16 Page - ACE Technology Co., LTD.

Back Button ACE722E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 9Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 10Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 11Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 12Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 13Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 14Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 15Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 16Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ACE722E
3MHz 2A Step-Down Converter
VER 1.1
16
Notes
ACE does not assume any responsibility for use as critical components in life support devices or systems
without the express written approval of the president and general counsel of ACE Electronics Co., LTD.
As sued herein:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and shoes failure to perform when properly used in
accordance with instructions for use provided in the labeling, can be reasonably expected to result in
a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can
be reasonably expected to cause the failure of the life support device or system, or to affect its safety
or effectiveness.
ACE Technology Co., LTD.
http://www.ace-ele.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com