Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE722G Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE722G
Description  5V 2.0A, 1.3MHz Synchronous Buck Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE722G Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE722G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ACE722G
5V 2.0A, 1.3MHz
Synchronous Buck Converter
VER 1.1
2
Absolute Maximum Rating
Parameter
Value
Max Input Voltage
6V
Max Operating Junction Temperature(Tj)
125°C
Ambient Temperature(Ta)
-40°C~+85°C
Maximum Power Dissipation
SOT-23-6
400mW
Storage Temperature(Ts)
-40°C~150°C
Lead Temperature & Time
260°C 10S
TAPE & REEL
3000/REEL
Note1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating
Range indicates conditions for which the device is functional, but do not guarantee specific performance limits. Electrical
Characteristics state DC and AC electrical specifications under particular test conditions which guarantee specific performance
limits. This assumes that the device is within the Operating Range. Specifications are not guaranteed for parameters where no
limit is given, however, the typical value is a good indication of device performance.
Typical Application
Vin 2.5V to 6V
IN
Vout 1.8V/2A
22uF
SW
2.2uH
240K
FB
22uF
GND
120K
SYMBOL
DESCRIPTTION
Value
Unit
VIN
VIN Supply Voltage
2.5 to 6
V
TOPT
Operating Temperature
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com