Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE722G Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE722G
Description  5V 2.0A, 1.3MHz Synchronous Buck Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE722G Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE722G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ACE722G
5V 2.0A, 1.3MHz
Synchronous Buck Converter
VER 1.1
1
Description
The
ACE722G is a high-efficiency, DC-to-DC step-down switching regulators, capable of delivering
up to 2A of output current. The device operates from an input voltage range of 2.5V to 6.0V and provides
an output voltage from 0.6V to VIN, making the ACE722G ideal for low voltage power conversions.
Running at a fixed frequency of 1.3MHz allows the use of small external components, such as ceramic
input and output caps, as well as small inductors, while still providing low output ripples. This low noise
output along with its excellent efficiency achieved by the internal synchronous rectifier, making ACE722G
an ideal green replacement for large power consuming linear regulators. Internal soft-start control circuitry
reduces inrush current. Short-circuit and thermal-overload protection improves design reliability. The
ACE722G is available in a SOT23-6 Package
Features
High Efficiency: Up to 97%
Capable of Delivering 2A
1.3MHz Switching Frequency
No External Schottky Diode Needed
Light-load Mode
Internal Compensation and Soft-Start
Current Mode control
0.6V Reference for Low Output voltages
Logic Control Shutdown (IQ<1uA)
Thermal shutdown and UVLO
Available in SOT23-6
Application
Digital Cameras
MP3 and MP4 players
Set top boxes
Wireless and DSL Modems
USB supplied Devices in Notebooks
Portable Devices.


Similar Part No. - ACE722G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
2A Step-down DC-DC Converter
VER 1.6
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE7222C ACE-ACE7222C Datasheet
467Kb / 10P
2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
ACE7222CBNH ACE-ACE7222CBNH Datasheet
467Kb / 10P
2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results

Similar Description - ACE722G

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7153 ANPEC-APW7153 Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
APW7311 ANPEC-APW7311 Datasheet
261Kb / 16P
3A 24V 1.3MHz synchronous Buck Converter
APW7323 ANPEC-APW7323 Datasheet
372Kb / 22P
3.2A, 5V, 1MHz Synchronous Buck Converter
APW7324 ANPEC-APW7324 Datasheet
361Kb / 22P
4A,5V, 500KHz Synchronous Buck Converter
APW7325 ANPEC-APW7325 Datasheet
267Kb / 16P
5A 5V 1MHz Synchronous Buck Converter
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
3A 5V 1MHz Synchronous Buck Converter
APW8805A ANPEC-APW8805A Datasheet
389Kb / 19P
3A 5V 1MHz Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE721G ACE-ACE721G Datasheet
551Kb / 11P
5V 1A, 1.5MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9309 BELLING-BL9309 Datasheet
895Kb / 9P
5.5V 2.0A 1.3MHz Synchronous Buck Converter
BL9315 BELLING-BL9315 Datasheet
358Kb / 7P
5V 3.0A 1.5MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com