Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1710B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE1710B
Description  N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1710B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE1710B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1710B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1710B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1710B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1710B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1710B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE1710B
N-Channel Enhancement Mode MOSFET
VER 1.1
2
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-source breakdown voltage
V(BR)DSS
VGS=0V, ID=250µA
100
110
V
Zero gate voltage drain current
IDSS
VDS=100V, VGS=0V
1
µA
Gate threshold voltage
VGS(TH)
VGS=VDS, IDS=250µA
1.2
1.8
2.5
V
Gate leakage current
IGSS
VGS=±20V, VDS=0V
±
100
nA
Drain-source on-state resistance
RDS(ON)
VGS=10V, ID=1A
250
280
mΩ
Forward transconductance
gFS
VDS=5V, ID=1A
1.2
S
Diode forward voltage
VSD
ISD=1.3A, VGS=0V
1.2
V
Maximum body-diode
continuous current
IS
1.6
A
Switching
Total gate charge
Qg
VGS=10V, VDS=50V,ID=1.3A
5.2
nC
Gate-source charge
Qgs
0.75
nC
Gate-drain charge
Qgd
1.4
nC
Turn-on delay time
td(on)
VGS=10V, RL=39Ω,ID=1.3A,
VDS=50V, RG=1Ω
6
ns
Turn-on rise time
tr
10
ns
Turn-off delay time
td(off)
10
ns
Turn-off fall time
tf
6
ns
Dynamic
Input capacitance
Ciss
VGS=0V,VDS=50V
F=1.0MHz
190
pF
Output capacitance
Coss
22
pF
Reverse transfer capacitance
Crss
13
pF
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board,t≤10sec.
3. Pulse Test: Pulse Width≤300μs,Duty Cycle≤2%.
4. Guaranteed by design,not subject to production



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com