Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1710B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE1710B
Description  N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1710B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE1710B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1710B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1710B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1710B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1710B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1710B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE1710B
N-Channel Enhancement Mode MOSFET
VER 1.1
1
Description
The ACE1710B uses advanced trench technology and design to provide excellent RDS(ON) with low gate
charge. It can be used in a wide variety of applications
Features
100V/1.5A
RDS(ON) <280mΩ @ V
GS
= 10V
High density cell design for ultra low R
DS(ON)
Fully characterized avalanche voltage and current
Excellent package for good heat dissipation
SOT23 -3LPackage
Absolute Maximum Ratings TA=25℃ unless otherwise noted
Parameter
Symbol Ratings Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Continuous)
TA=25℃
ID
1.5
A
TA=70℃
1.2
Drain Current (Pulsed)
IDM
5
A
Power Dissipation
TA=25℃
PD
1
W
Operating temperature / storage temperature TJ/TSTG -55~150 ℃
Packaging Type
SOT-23-3 L
Marking
3
Ordering information
ACE1710B XX + H
BM : SOT-23-3L
Pb - free
Halogen - free
1
2
G
S
D


Similar Part No. - ACE1710B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1715B ACE-ACE1715B Datasheet
836Kb / 6P
N-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE1710B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com