Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5830 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE5830
Description  DFNWB2X2-6L N-Channel MOSFETS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5830 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE5830 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5830 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5830 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5830 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5830 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5830 Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE5830
DFNWB2X2-6L
N-Channel
MOSFETS
VER 1.1
2
Ordering information
ACE5830 XX + H
Mosfet
Electrical Characteristics (Ta=25 OC unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC PARAMETERS
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250µA
30
V
Zero gate voltage drain current
IDSS
VDS =30V,VGS = 0V
1
µA
Gate-body leakage current
IGSS
VGS =±10V, VDS = 0V
±10
µA
Gate threshold voltage(note 1)
VGS(th)
VDS =VGS, ID =250µA
0.6
1
V
Drain-source on-resistance (note 1)
RDS(on)
VGS =10V, ID =5A
42
mΩ
VGS =4.5V, ID =5A
44
mΩ
VGS =2.5V, ID =4A
50
mΩ
Forward tranconductance (note 1)
gFS
VDS =5V, ID =4A
15
S
Diode forward voltage (note 1)
VSD
IS=1A, VGS = 0V
1
V
DYNAMIC PARAMETERS(note2)
Input Capacitance
Ciss
VDS =15V,VGS =0V,f =1MHz
245
pF
Output Capacitance
Coss
35
pF
Reverse Transfer Capacitance
Crss
20
pF
SWITCHING PARAMETERS (note 2)
Turn-on delay time
td(on)
VDD=15V,VGS=10V
RL=3.75
Ω,RGEN=3Ω
2
ns
Turn-on rise time
tr
3.5
ns
Turn-off delay time
td(off)
22
ns
Turn-off fall time
tf
3.5
ns
Total Gate Charge
Qg
VDS =15V,VGS =10V,ID=4A
10
nC
Gate-Source Charge
Qgs
0.5
nC
Gate-Drain Charge
Qgd
1
nC
Notes: 1. Pulse Te
st : Pulse width≤300μs, duty cycle≤0.5%.
2. Guaranteed by design, not subject to production testing.
LN : DFNWB2*2-6L
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com