Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5830 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE5830
Description  DFNWB2X2-6L N-Channel MOSFETS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5830 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE5830 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5830 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5830 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5830 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5830 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5830 Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ACE5830
DFNWB2X2-6L
N-Channel
MOSFETS
VER 1.1
4
DFNWB2X2-6L Tapeand Reel
DFNWB2X2-6L Embossed Carrier Tape
A
-
A
Dimensions are in millimeter
Pkg type
a
B
C
d
E
F
PO
P
P1
W
DFNWB2X2-6L
2.30
2.30
1.10
∅1.50 1.75 3.50 4.00 4.00 2.00 8.00
DFNWB2X2-6L Tape Leader and Trailer
DRNWB2*2-6L Reel
Dimensions are in millimeter
Reel Option
D
D1
D2
G
H
I
W1
W2
7”Dia
∅180.00 60.00 13.00 R78.00 R25.60 R6.50 9.50 13.10
REEL
Reel Size
Box
Box Size(mm)
Carton
Carton Size(mm)
G.W.(kg)
3000pcs
7 inch
30,000pcs
203*203*195
120,000pcs
438*438*220



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com