Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE6344B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE6344B
Description  N and P-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE6344B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE6344B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACE6344B
N&P-Channel Enhancement Mode MOSFET
VER 1.1
2
Ordering information
ACE6344B XX +
H
Electrical Characteristics (N-Channel)(TA=25℃ Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=250uA
20
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0V
1
uA
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=250uA
0.5
0.75
1.2
V
Gate Leakage Current
IGSS
VGS=±12V ,VDS=0V
±100
nA
Drain-Source On Resistance
RDS(ON)
VGS=4.5V, ID=3A
36
65
m
Ω
VGS=2.5V, ID=2.8A
53
90
m
Ω
Forward Transconductance
gFS
VDS=5V, ID=-3A
8
S
Diode Forward Voltage
VSD
ISD=-1.7A, VGS=0V
0.74
1.2
V
Maximum Body-Diode
Continuous Current
IS
2.5
A
Switching
Total Gate Charge
Qg
VGS=4.5V,VDS=-10V,
ID=3A
2.9
5
nC
Gate-Source Charge
Qgs
0.4
Gate-Drain Charge
Qgd
0.6
Turn-On Delay Time
td(on)
VDS=10V, ID=3A,
VGS=4.5V,RG=3Ω
2.5
ns
Turn-On Rise Time
tr
3.2
Turn-Off Delay Time
td(off)
21
Turn- Off Rise Time
tf
3
Dynamic
Input Capacitance
Ciss
VDS=10V,VGS=0V,
F=1.0MHZ
260
pF
Output Capacitance
Coss
48
Reverse Transfer capacitance
Crss
27
Note:
A: The value of RθJA is measured with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.
GM : SOT-23-6L
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com