Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE6344B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE6344B
Description  N and P-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE6344B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE6344B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE6344B Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ACE6344B
N&P-Channel Enhancement Mode MOSFET
VER 1.1
1
Description
The ACE634B uses advanced trench technology to provide excellent RDS(ON) and low gate charge .
The complementary MOSFETs may be used to form a level
Features
N-Channel
VDS(V)=20V, ID=3A,
RDS(ON) <65mΩ (VGS=4.5V)
<90
mΩ (V
GS=2.5V)
P-Channel
VDS(V)=-20V, ID=-2.5A ,
RDS(ON) <110mΩ (VGS=-4.5V)
<140
mΩ (V
GS=-2.5V)
Absolute Maximum Ratings
(TA=25℃ Unless otherwise noted)
Parameter
Symbol
Typical
Unit
N-Channel P-Channel
Drain-Source Voltage
VDSS
20
-20
V
Gate-Source Voltage
VGSS
±12
±12
V
Continuous Drain Current (TJ=150℃)
*AC
TA=25℃
ID
3
-2.5
A
TA=70℃
2.4
-2.2
Drain Current (pulse) * B
IDM
13
-13
A
Power Dissipation
TA=25℃
PD
1.15
1.15
W
TA=70℃
0.73
0.73
Operating temperature / Storage temperature TJ/ TSTG
-55 to 150
OC
Packaging Type
SOT-23-6L
Marking
2003
.


Similar Part No. - ACE6344B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE634 ACE-ACE634 Datasheet
1Mb / 9P
20V Complementary Enhancement Mode Field Effect Transistor
VER 1.2
More results

Similar Description - ACE6344B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTBA5C10H8 CYSTEKEC-MTBA5C10H8 Datasheet
535Kb / 13P
N- AND P-Channel Enhancement Mode MOSFET
MTB20C06KQ8 CYSTEKEC-MTB20C06KQ8 Datasheet
877Kb / 13P
N- AND P-Channel Enhancement Mode MOSFET
MTD120C10KH8 CYSTEKEC-MTD120C10KH8 Datasheet
542Kb / 13P
N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8 CYSTEKEC-MTBA6C12H8 Datasheet
1Mb / 13P
N- AND P-Channel Enhancement Mode MOSFET
MTC7540BDH8 CYSTEKEC-MTC7540BDH8_16 Datasheet
759Kb / 14P
N- AND P-Channel Enhancement Mode MOSFET
MTC4103N8J CYSTEKEC-MTC4103N8J Datasheet
593Kb / 13P
N- AND P-Channel Enhancement Mode MOSFET
MTC6601N6 CYSTEKEC-MTC6601N6 Datasheet
514Kb / 12P
N- AND P-Channel Enhancement Mode MOSFET
MTC4503N8J CYSTEKEC-MTC4503N8J Datasheet
594Kb / 13P
N- AND P-Channel Enhancement Mode MOSFET
MTC4203BN8J CYSTEKEC-MTC4203BN8J Datasheet
408Kb / 13P
N- AND P-Channel Enhancement Mode MOSFET
logo
FutureWafer Tech Co.,Lt...
FM2058NPK FUTUREWAFER-FM2058NPK Datasheet
1Mb / 9P
N and P Channel Enhancement Mode MOSFET
13-DEC-2021 V 2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com