Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QFN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # QFN
Description  NiCr Thin Film, Top-Contact Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

QFN Datasheet(HTML) 1 Page - Vishay Siliconix

  QFN Datasheet HTML 1Page - Vishay Siliconix QFN Datasheet HTML 2Page - Vishay Siliconix QFN Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QFN
www.vishay.com
Vishay Electro-Films
Revision: 05-Apr-13
1
Document Number: 61079
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NiCr Thin Film, Top-Contact Resistor
Product may not be to scale
The QFN series nichrome on quartz resistor chips offer a
combination of nichrome stability, excellent frequency
response and small size.
The QFNs are manufactured using Vishay Electro-Films (EFI)
sophisticated thin film equipment and manufacturing
technology. The QFNs are 100 % electrically tested and
visually inspected to MIL-STD-883, method 2032 class H
or K.
FEATURES
• Wire bondable
• Chip size: 0.020 inches square
• Case: 0202
• Resistance range: 1
 to 510 k
• Resistor material: Nichrome
• Quartz substrate: < 0.1 pF shunt capacitance
• Power: 25 mW
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Vishay EFI QFN top-contact resistor chips are widely used
in hybrid packages where space is limited. Designed with
capacity to handle substantial power loads, they also have
the benefit of nichrome stability.
Recommended for hermetic environments where die is not
exposed to moisture.
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Total Resistance Range
1 to 510K
Standard Tolerances
± 0.1, ± 0.5, ± 1
%
TCR
± 25, ± 50, ± 100, ± 250
ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Noise, MIL-STD-202, Method 308
100
 to 250 k
< 100
 or > 251 k
- 35 typ.
- 20 typ.
dB
Stability, 1000 h, + 125 °C, 50 mW
± 0.1 % max.
R/R
%
Operating Temperature Range
- 55 to + 125
°C
Thermal Shock, MIL-STD-202, Method 107, Test Condition F
± 0.25 max.
R/R
%
High Temperature Exposure, + 150 °C, 100 h
± 0.5 max.
R/R
%
Dielectric Voltage Breakdown
200
V
Insulation Resistance
1012 min.
Operating Voltage
100 max.
V
DC Power Rating at + 70 °C (Derated to zero at + 175 °C)
0.025
W
5 x Rated Power Short-Time Overload, + 25 °C, 5 s
± 0.25 max.
R/R
%
1
Ω
0.1 %
Tightest Standard Tolerance Available
± 25 ppm/°C
± 250 ppm/°C
± 50 ppm/°C
± 100 ppm/°C
1 %
0.5 %
10
Ω 30 Ω 100 Ω
200 k
Ω 360 kΩ 510 kΩ


Similar Part No. - QFN

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
QFN STATSCHIP-QFN Datasheet
530Kb / 2P
Quad Flat No-Lead Package
logo
Amkor Technology
QFN AMKOR-QFN Datasheet
754Kb / 3P
Saw MLF PEL (Plated End Lead) Package
QFN AMKOR-QFN Datasheet
411Kb / 2P
Silver Wirebonding
02/22
logo
Torex Semiconductor
QFN-0601 TOREX-QFN-0601 Datasheet
210Kb / 3P
Packaging Information / Reference Pattern Layout Dimensions
logo
KEC(Korea Electronics)
QFN-16 KEC-QFN-16 Datasheet
17Kb / 1P
PACKAGE DIMENSION
2005. 10. 1
More results

Similar Description - QFN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BCR VISHAY-BCR Datasheet
102Kb / 3P
Thin Film, Back-Contact Resistor
12-Mar-08
BCR VISHAY-BCR_15 Datasheet
77Kb / 3P
Thin Film, Back-Contact Resistor
25-Feb-13
MSFM VISHAY-MSFM Datasheet
82Kb / 3P
Thin Film, Top-Contact Miniature Resistor
26-Jan-15
QFM VISHAY-QFM Datasheet
75Kb / 3P
Thin Film, Top-Contact Resistor
05-Apr-13
QFX VISHAY-QFX Datasheet
75Kb / 3P
Thin Film, Top-Contact Megohm Resistor
05-Apr-13
SC3 VISHAY-SC3_15 Datasheet
138Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
SFM VISHAY-SFM Datasheet
74Kb / 3P
Thin Film Top-Contact Resistor
25-Feb-13
SFN VISHAY-SFN Datasheet
96Kb / 3P
NiCr Thin Film, Top-Contact Resistor
11-Sep-13
SFP VISHAY-SFP Datasheet
88Kb / 3P
Thin Film Top-Contact Resistor with Part Mark
04-Mar-13
SFX VISHAY-SFX Datasheet
74Kb / 3P
Thin Film, Top-Contact Megohm Resistor
04-Mar-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com