Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RC
Description  Thick Film Chip Resistors, Alternate Terminations
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RC Datasheet(HTML) 1 Page - Vishay Siliconix

  RC Datasheet HTML 1Page - Vishay Siliconix RC Datasheet HTML 2Page - Vishay Siliconix RC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RC
www.vishay.com
Vishay Techno
Revision: 01-Oct-14
1
Document Number: 68013
For technical questions, contact: te1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thick Film Chip Resistors, Alternate Terminations
FEATURES
• Suitable for solderable, epoxy bondable, or
wire bondable applications
• Termination material: gold, platinum silver,
platinum palladium gold or solder coated
non-magnetic terminations available
• Multiple
styles, termination
materials and
configurations, allow wide design flexibility
• Epoxy
bondable
or
wire
bondable
non-magnetic terminations available
• Flow solderable
• Custom sizes available
• Burn-in data available
• Automatic placement capability
• Termination style: 3-sided wraparound termination or
single termination flip chip standard; 5-sided wraparound
termination available
• Tape and reel packaging available
• Internationally standardized sizes
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are RoHS-compliant and/or parts that are non-RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information/tables in this datasheet for details.
Notes
(1) Continuous working voltage shall be
or maximum working voltage, whichever is less.
(2) Higher values available. Please consult factory.
(3) ± 100 ppm/°C standard thru 1 M
, ± 200 ppm/°C offered from 1.1 M to 10 M.
(4) MIL case size 0705 and EIA case size 0805 are dimensionally the same.
Note
• For additional information on packaging, refer to the Surface Mount Resistor Packaging document (www.vishay.com/doc?31543).
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
CASE SIZE
POWER RATING
P70 °C
W
MAXIMUM
WORKING
VOLTAGE (1)
V
RESISTANCE
RANGE (2)
TOLERANCE
± %
TEMPERATURE
COEFFICIENT (3)
(-55 °C to +155 °C)
± ppm/°C
RC0540
0504
0.100
40
10 to 500K
1, 2, 5, 10, 20
100
RC0550
0505
0.100
50
10 to 500K
1, 2, 5, 10, 20
100
RC0575
0705 (4)
0.200
70
10 to 1M
1, 2, 5, 10, 20
100
RC5100
1005
0.250
100
10 to 1M
1, 2, 5, 10, 20
100
RC1100
1010
0.450
100
10 to 1M
1, 2, 5, 10, 20
100
RC1206
1206
0.300
100
10 to 1M
1, 2, 5, 10, 20
100
RC5150
1505
0.325
125
10 to 1M
1, 2, 5, 10, 20
100
RC7225
2208
0.525
200
10 to 1M
1, 2, 5, 10, 20
100
RC2010
2010
0.575
200
10 to 1M
1, 2, 5, 10, 20
100
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: RC0540AA1K00FKSB (preferred part number format)
GLOBAL
MODEL
SIZE
TERM
STYLE
TERM MATERIAL
RESISTANCE
VALUE
TOLERANCE
TCR
SOLDER
TERMINATION
PACKAGING
RC
0540
0550
0575
5100
1100
1206
5150
7225
2010
A = 3-sided
B = Top only
C = 5-sided
G = Non-magnetic
A = Palladium silver
B = Platinum gold
C = Gold
D = Platinum silver
E = Platinum
palladium gold
R =
K = k
M = M
100R = 100
1K00 = 1 k
1M00 = 1 M
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
M = ± 20 %
K = 100 ppm
L = 150 ppm
N = 200 ppm
W = 350 ppm
E = Sn100
F = Sn95/Ag5,
HSD
S =
Sn62/Pb36/Ag2,
HSD
T = Sn90/Pb10
N = No solder
B = Bulk
F = T/R
(full reel)
1 = T/R
(1000 pcs)
5 = T/R
(500 pcs)
T = T/R
(250 pcs
min.)
W = Waffle
tray
Historical Part Numbering: CR1AA1001F100S2 (will continue to be accepted)
CR
1
A
A
1001
F
100
S2
HISTORICAL
MODEL
SIZE
TERM
STYLE
TERM
MATERIAL
RESISTANCE
VALUE
TOLERANCE
TCR
SOLDER
TERMINATION
P x R
540
A
1
K
0
A
C0
0F
K
B
R
S


Similar Description - RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0402WGF0000TCE ETC2-0402WGF0000TCE Datasheet
94Kb / 9P
Thick Film Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEYJ101V PANASONIC-ERJ-8GEYJ101V Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR01MZPF2202 ROHM-MCR01MZPF2202 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEY0R00V PANASONIC-ERJ-8GEY0R00V Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-14YJ301U PANASONIC-ERJ-14YJ301U Datasheet
84Kb / 2P
Thick Film Chip Resistors
ERJ-12YJ272U PANASONIC-ERJ-12YJ272U Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Rohm
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPFX1202 ROHM-MCR03EZPFX1202 Datasheet
143Kb / 7P
Thick Film Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com