Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RC
Description  Thick Film Chip Resistors, Alternate Terminations
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RC Datasheet(HTML) 2 Page - Vishay Siliconix

  RC Datasheet HTML 1Page - Vishay Siliconix RC Datasheet HTML 2Page - Vishay Siliconix RC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RC
www.vishay.com
Vishay Techno
Revision: 01-Oct-14
2
Document Number: 68013
For technical questions, contact: te1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) All dimensions are before solder coating.
Notes
(2) Standard solder plating for the non-magnetic parts are solder terminations E or T. Hot solder dipped terminations F or S are also available.
(3) Use solder termination N for applications requiring epoxy bondable mounting, and solder terminations F or S for applications requiring
solderable mounting.
(4) While not recommended, palladium silver terminations could be used for solderable applications when using a solder alloy containing silver.
If the solder paste being used to solder the palladium silver terminated parts to the boards does not have a silver-based composition, then
the silver in the terminations could begin to leach when it is exposed to liquidus non-silver-based solders, causing the potential for
solderability and/or solder joint issues.
MECHANICAL SPECIFICATIONS
Resistive element
Ruthenium oxide
Encapsulation
Glass
Substrate
96 % alumina
Termination
Gold, palladium silver, platinum gold,
platinum silver, platinum palladium gold or
solder coated non-magnetic terminations
available.
Solder finish
Base metallization without a solder finish
standard. Hot solder dipped tin/silver or
tin/lead/silver solder alloys available.
ENVIRONMENTAL SPECIFICATIONS
Operating
temperature
-55 °C to +155 °C
Moisture resistance
Less than 0.5 % change when tested
per method 106 of MIL-STD-202
Life
Less than 1 % change when tested
per method 108D (+85 °C)
of MIL-STD-202
Short time overload
Less than 0.5 %
R
DIMENSIONS in inches (millimeters)
MODEL
LENGTH (L) (1)
± 0.006 (0.152)
WIDTH (W) (1)
± 0.006 (0.152)
THICKNESS (T) (1)
± 0.005 (0.127)
RC0540
0.050 (1.27)
0.040 (1.02)
0.020 (0.508)
RC0550
0.050 (1.27)
0.050 (1.27)
0.020 (0.508)
RC0575
0.075 (1.90)
0.050 (1.27)
0.020 (0.508)
RC5100
0.100 (2.54)
0.050 (1.27)
0.020 (0.508)
RC1100
0.100 (2.54)
0.100 (2.54)
0.020 (0.508)
RC1206
0.125 (3.18)
0.062 (1.57)
0.025 (0.635)
RC5150
0.150 (3.81)
0.050 (1.27)
0.020 (0.508)
RC7225
0.225 (5.72)
0.075 (1.90)
0.020 (0.508)
RC2010
0.200 (5.08)
0.100 (2.54)
0.025 (0.635)
TYPE
TERMINATION
MATERIAL
TERMINATION
STYLE
TERMINATION STYLE/
MATERIAL CODE
SOLDER TERMINATION
CODE
Solderable
Non-magnetic
3-sided (wraparound)
AG
E or T (standard);
F or S (optional) (2)
Top only (flip chip)
BG
Epoxy bondable/
solderable
Platinum palladium gold
3-sided (wraparound)
AE
N (standard);
F or S (optional) (3)
Top only (flip chip)
BE
5-sided (wraparound)
CE
Wire bondable/
Epoxy bondable
Gold
3-sided (wraparound)
AC
N
Top only (flip chip)
BC
5-sided (wraparound)
CC
Epoxy bondable
Palladium silver (4)
3-sided (wraparound)
AA
N
Top only (flip chip)
BA
5-sided (wraparound)
CA
Platinum gold
3-sided (wraparound)
AB
Top only (flip chip)
BB
5-sided (wraparound)
CB
Platinum silver
3-sided (wraparound)
AD
Top only (flip chip)
BD
5-sided (wraparound)
CD
Termination Style A
(3-sided wraparound)
0.025 [0.635]
Max.
L
T
W
Termination Style B
(Top conductor only)
0.025 [0.635]
Max.
W
T
L
Termination Style C
(5-sided wraparound)
T
W
L
0.025 [0.635]
Max.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com