Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCLE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RCLE3
Description  Long Side Termination Thick Film Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCLE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  RCLE3 Datasheet HTML 1Page - Vishay Siliconix RCLE3 Datasheet HTML 2Page - Vishay Siliconix RCLE3 Datasheet HTML 3Page - Vishay Siliconix RCLE3 Datasheet HTML 4Page - Vishay Siliconix RCLE3 Datasheet HTML 5Page - Vishay Siliconix RCLE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RCL e3
www.vishay.com
Vishay Draloric
Revision: 21-Aug-14
1
Document Number: 20046
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Long Side Termination Thick Film Chip Resistors
FEATURES
• Enhanced power rating
• Long side terminations
• Enhanced thermo cycling performance in 0406
size
• Pure tin solder contacts on Ni barrier layer,
provides compatibility with lead (Pb)-free and lead
containing soldering processes
• AEC-Q200 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
• These resistors do not feature a lifetime limitation when operated within the limits of rated dissipation, permissible operating voltage and
permissible film temperature. However, the resistance typically increases due to the resistor’s film temperature over operating time, generally
known as drift. The drift may exceed the stability requirements of an individual application circuit and thereby limits the functional lifetime.
• Marking and packaging: See datasheet “Surface Mount Resistor Marking” (www.vishay.com/doc?20020). No marking for 0406 size.
• Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material.
(1) Specified power rating requires dedicated mounting conditions to achieve the required thermal resistance.
Notes
(2) The power dissipation on the resistors generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded.
(3) Specified power rating requires dedicated mounting conditions to achieve the required thermal resistance.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
CASE
SIZE
INCH
CASE
SIZE
METRIC
POWER
RATING
P70
W
LIMITING
ELEMENT
VOLTAGE
Umax.
ACRMS/DC
V
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
%
RESISTANCE
RANGE
SERIES
RCL0406 e3
0406
RR 1016M
0.25
50
± 100
± 1
1 to 1M
E24; E96
± 200
± 5
E24
Zero-Ohm-Resistor: Rmax. = 10 m, Imax. at 70°C = 4.0 A
RCL0612 e3
0612
RR 1632M
0.5
75
± 100
± 1
1 to 1M
E24; E96
± 200
± 5
E24
Zero-Ohm-Resistor: Rmax. = 10 m, Imax. at 70°C = 6.0 A
RCL1218 e3
1218
RR 3246M
1.0
200
± 100
± 1
1 to 2.2M
E24; E96
± 200
± 5
E24
Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70°C = 7.0 A
RCL1225 e3
1225
RR 3263M
2.0 (1)
200
± 100
± 1
1 to 1M
E24; E96
± 200
± 5
E24
Zero-Ohm-Resistor: Rmax. = 10 m, Imax. at 70°C = 12 A
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RCL0406
RCL0612
RCL1218
RCL1225
Rated Dissipation at P70 (2)
W
0.25
0.5
1.0
2.0 (3)
Operating Voltage Umax. ACRMS/DC
V
50
75
200
200
Insulation Voltage Uins (1 min)
V
100
100
300
300
Insulation Resistance
> 109
Operating Temperature Range
°C
-55 to +155
Weight
mg
3.5
11
29.5
55


Similar Part No. - RCLE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCLE3 VISHAY-RCLE3 Datasheet
161Kb / 9P
Long Side Termination Thick Film Chip Resistors
17-Dec-2021
RCLE3 VISHAY-RCLE3 Datasheet
164Kb / 9P
Long Side Termination Thick Film Chip Resistors
Revision: 20-Oct-2025
RCLE3 VISHAY-RCLE3_V01 Datasheet
161Kb / 9P
Long Side Termination Thick Film Chip Resistors
17-Dec-2021
More results

Similar Description - RCLE3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0402WGF0000TCE ETC2-0402WGF0000TCE Datasheet
94Kb / 9P
Thick Film Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-8GEYJ101V PANASONIC-ERJ-8GEYJ101V Datasheet
84Kb / 2P
Thick Film Chip Resistors
logo
Vishay Siliconix
RCL1225 VISHAY-RCL1225 Datasheet
113Kb / 6P
Long Side Termination Thick Film Chip Resistors
15-Apr-13
RCL1218100RFKEK VISHAY-RCL1218100RFKEK Datasheet
113Kb / 6P
Long Side Termination Thick Film Chip Resistors
15-Apr-13
RCA-LSE3 VISHAY-RCA-LSE3 Datasheet
155Kb / 10P
Sulfur Resistant, Long Side Termination Thick Film Chip Resistors
14-Jun-2021
RCA-LSE3 VISHAY-RCA-LSE3_V01 Datasheet
155Kb / 10P
Sulfur Resistant, Long Side Termination Thick Film Chip Resistors
14-Jun-2021
RCLE3 VISHAY-RCLE3_V01 Datasheet
161Kb / 9P
Long Side Termination Thick Film Chip Resistors
17-Dec-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com