Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCLE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCLE3
Description  Long Side Termination Thick Film Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCLE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  RCLE3 Datasheet HTML 1Page - Vishay Siliconix RCLE3 Datasheet HTML 2Page - Vishay Siliconix RCLE3 Datasheet HTML 3Page - Vishay Siliconix RCLE3 Datasheet HTML 4Page - Vishay Siliconix RCLE3 Datasheet HTML 5Page - Vishay Siliconix RCLE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RCL e3
www.vishay.com
Vishay Draloric
Revision: 21-Aug-14
2
Document Number: 20046
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: RCL061210K0FKEA
MODEL
RESISTANCE
TOLERANCE
TCR
PACKAGING
RCL0406
RCL0612
RCL1218
RCL1225
R = decimal
K = thousand
M = million
0000 = 0
 Jumper
F = ± 1 %
J = ± 5 %
Z = jumper
K = ± 100 ppm/K
N = ± 200 ppm/K
0 = jumper
EA
EB
EC
EK
EG
PRODUCT DESCRIPTION: RCL0612 100 10K 1 % ET1 e3
RCL0612
100
10K
1 %
ET1
e3
MODEL
TCR
RESISTANCE
TOLERANCE
PACKAGING
LEAD (Pb)-FREE
RCL0406
RCL0612
RCL1218
RCL1225
± 100 ppm/K
± 200 ppm/K
10R = 10
10K = 10 k
1M = 1 M
0R0 = jumper
± 1 %
± 5 %
ET1
ET5
ET6
ET9
E67
e3 = pure tin
termination
finish
PACKAGING
MODEL
CODE
QUANTITY
CARRIER TAPE
WIDTH
PITCH
REEL DIAMETER
RCL0406
EA = ET1
5000
Paper tape acc. to
IEC 60068-3
Type I
8 mm
4 mm
180 mm/7"
EB = ET5
10 000
285 mm/11.25"
EC = ET6
20 000
330 mm/13"
RCL0612
EA = ET1
5000
8 mm
4 mm
180 mm/7"
EB = ET5
10 000
285 mm/11.25"
EC = ET6
20 000
330 mm/13"
RCL1218
EK = ET9
4000
Blister tape acc. to
IEC 60068-3
Type II
12 mm
4 mm
180 mm/7"
RCL1225
EG = E67
2000
12 mm
8 mm
180 mm/7"
DIMENSIONS in millimeters
SIZE
DIMENSIONS
SOLDER PAD DIMENSIONS
REFLOW SOLDERING
WAVE SOLDERING
INCH METRIC
L
W
H
T1
T2
a
b
l
a
b
l
0406
1016
1.0 ± 0.1
1.6 ± 0.1
0.35 ± 0.1
0.2
+ 0.10
- 0.15
0.2 ± 0.1
0.55
1.75
0.35
0.75
1.8
0.35
0612
1608
1.6 ± 0.2
3.2 ± 0.2
0.55 ± 0.1
0.35 ± 0.15 0.25 ± 0.15
0.6
3.2
1.0
1.1
3.2
1.0
1218
3246
3.2
+ 0.10
- 0.20
4.6 ± 0.15
0.55 ± 0.05
0.45 ± 0.2
0.4 ± 0.2
1.1
4.9
1.9
1.25
4.8
1.9
1225
3263
3.2 ± 0.2
6.3 ± 0.2
0.70 ± 0.10
0.8 ± 0.2
0.4 ± 0.2
1.9
7.6
1.2
1.9
7.6
1.2
b
a
l
W
H
L
T1
T2
R
C
L
0
6
1
2
1
0
K
0
F
E
A
K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com