Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDT3334G Datasheet(PDF) 6 Page - BOWIN ELECTRONIC CO.

Part # CDT3334G
Description  6 ?딯ED 雍멨눣?㎩댍IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3334G Datasheet(HTML) 6 Page - BOWIN ELECTRONIC CO.

  CDT3334G Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3334G Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3334G Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3334G Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3334G Datasheet HTML 5Page - BOWIN ELECTRONIC CO. CDT3334G Datasheet HTML 6Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CDT3334G --- 6
CDT3334G
P. 6
六個 LED 輸出控制 IC
CDT 3334G-01 測 試 報 告
1. RD/SQ – 接 VDD, 順 閃
2. ON/OFF – 接 VSS,
POWER ON MODE
3. CdS 控 制 --- 亮 時 閃
4. 外 接 電 阻 R
5. LED duty cycle = 1/12
6. RCdS --- 調 CdS 靈 敏 度
7. 測 試 L1 之 頻 率 :
R
2M
2.2M
2.7M
Speed
4.84 秒
5.28 秒
6.64 秒
3VDC
16
8
L1
17
2
CDS
OSCO
9
10
VSS
ON/OFF
RD/SQ
CDT3334G-01
1
OSCI
15
L2
14
L3
13
L4
12
L5
11
L6
3
F3
4
F2
5
F1
6
VDD
7
TEST
R
CdS
RCdS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com