Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RMB
Description  Molded Precision Wirewound Resistors Axial Leads
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMB Datasheet(HTML) 1 Page - Vishay Siliconix

  RMB Datasheet HTML 1Page - Vishay Siliconix RMB Datasheet HTML 2Page - Vishay Siliconix RMB Datasheet HTML 3Page - Vishay Siliconix RMB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RMB, RMBS
www.vishay.com
Vishay Sfernice
Revision: 23-Sep-13
1
Document Number: 50010
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Molded Precision Wirewound Resistors
Axial Leads
FEATURES
• 0.75 W to 3 W at 25 °C
•NF C 83-210
• CECC 40201-005
• Low temperature coefficient
 ± 50 ppm/°C
• Low ohmic values 15 m
 available
• Excellent behavior against humidity
• Electrical insulation
• Mechanical strength
• Accurate sizes
• Termination = Sn/Ag/Cu or pure matte tin according to the
ohmic value
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
High stability and low temperature coefficient are the main features of the precision wirewound resistors type RMB RMBS
models just as maintenance parts. Their performances can be compared with those of the best film resistors but they have in
addition a greater power rating. RMBS styles meet the more severe requirements of NF C 83-210 (all RMBS styles are approved)
and characteristic U of MIL-R-26 E (approximate size of RW 70 and 79 resistors) specifications. The two models RMB and
RMBS have a similar construction. RMBS are submitted, in addition to a process which further increases the stability. On
request, non-inductive resistors are available under the reference RMB NI.
Note
•
Undergoes European Quality Insurance System (CECC)
DIMENSIONS in millimeters
SERIES
AND
STYLE
A
max.
Ø B
max.
E ± 0.1
WEIGHT
g
RMB0.75
RMBS0.5
7
2.5
0.6
0.3
RMB1.5
RMBS1
10.2
4
0.6
0.7
RMB3
RMBS2
16.2
6.4
0.8
1.5
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE
RANGE
RATED POWER
P25 °C
W
LIMITING ELEMENT
VOLTAGE
V
TOLERANCE
± %
RMB0.75
075
0.1 to 2K
0.75
n/a
0.1, 0.5, 1, 2, 5
RMB1.5
105
0.1 to 6.81K
1.5
120
0.1, 0.5, 1, 2, 5
RMB3
300
0.051 to 13K
3
200
0.1, 0.5, 1, 2, 5
RMBS0.5
05
0.1 to 2K
0.5
n/a
0.1, 0.5, 1, 2, 5
RMBS1
10
0.1 to 6.81K
1
120
0.1, 0.5, 1, 2, 5
RMBS2
20
0.015 to 13K
2
200
0.1, 0.5, 1, 2, 5
25 min.
25 min.
A
Ø B
Ø E


Similar Part No. - RMB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMB VISHAY-RMB Datasheet
203Kb / 2P
Molded Precision Wirewound Resistors Axial Leads
23-Sep-13
logo
RAYEX ELECTRONICS CO., ...
RMB RAYEX-RMB Datasheet
594Kb / 2P
RMB SERIES
logo
Dwyer Instruments,
RMB DWYER-RMB Datasheet
595Kb / 2P
RATE-MASTER® POLYCARBONATE FLOWMETERS 2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
RMB-1 DWYER-RMB-1 Datasheet
595Kb / 2P
RATE-MASTER® POLYCARBONATE FLOWMETERS 2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
RMB-1-SSV DWYER-RMB-1-SSV Datasheet
595Kb / 2P
RATE-MASTER® POLYCARBONATE FLOWMETERS 2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
More results

Similar Description - RMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBR52L12601BR ETC1-RBR52L12601BR Datasheet
411Kb / 2P
AXIAL LEAD PRECISION WIREWOUND RESISTORS
logo
Vishay Siliconix
RMB VISHAY-RMB Datasheet
203Kb / 2P
Molded Precision Wirewound Resistors Axial Leads
23-Sep-13
logo
IRC - a TT electronics ...
RBR52L12601BR IRCTT-RBR52L12601BR Datasheet
215Kb / 4P
Axial Lead Precision Wirewound Resistors
logo
Ohmite Mfg. Co.
AEZ1000RE OHMITE-AEZ1000RE Datasheet
43Kb / 1P
Epoxy Molded Precision Wirewound Axial Terminals
logo
Vishay Siliconix
RWM062210R0JA15E1 VISHAY-RWM062210R0JA15E1 Datasheet
87Kb / 4P
Enamelled Wirewound Power Resistors Axial Leads
31-Oct-13
RWM06221800JA15E1 VISHAY-RWM06221800JA15E1 Datasheet
87Kb / 4P
Enamelled Wirewound Power Resistors Axial Leads
31-Oct-13
RLP VISHAY-RLP Datasheet
87Kb / 5P
Insulated Precision Wirewound Resistors Axial Leads
02-Apr-15
RWM VISHAY-RWM Datasheet
80Kb / 4P
Enamelled Wirewound Power Resistors Axial Leads
15-Apr-14
logo
Riedon Powertron
SM-2 RIEDON-SM-2_14 Datasheet
318Kb / 2P
Precision Wirewound Resistors
logo
Vishay Siliconix
BSI VISHAY-BSI Datasheet
128Kb / 4P
Molded and Insulated Wirewound Power Resistors Axial Leads
09-Mar-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com