Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RMB
Description  Molded Precision Wirewound Resistors Axial Leads
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMB Datasheet(HTML) 3 Page - Vishay Siliconix

  RMB Datasheet HTML 1Page - Vishay Siliconix RMB Datasheet HTML 2Page - Vishay Siliconix RMB Datasheet HTML 3Page - Vishay Siliconix RMB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RMB, RMBS
www.vishay.com
Vishay Sfernice
Revision: 23-Sep-13
3
Document Number: 50010
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STABILITY AND POWER RATING
Stability changes slightly according to power rating and ambient temperature. This fact is specially important for users needing
a life drift lower than the initial resistance tolerance. Typical drifts, after 2000 h life test made under the 90’/30’ conditions and
at a 25 °C ambient temperature are:
POWER RATING
TEMPERATURE RISE
MARKING
Vishay Sfernice trademark, model, style, CECC style (if applicable) nominal resistance (in
), tolerance (in %), manufacturing date.
MODEL
STYLE
RMBS
0.5
RMBS
1
RMBS
2
R %/R %
MODEL
STYLE
RMB
0.75
RMB
1.5
RMB
3
R %/R %
Pn
0.5 W
1 W
2 W
0.15 %
Pmax.
1 W
2 W
3.5 W
1 %
1/2 Pn
0.25 W
0.5 W
1 W
0.075 %
Pn
0.75 W
1.5 W
3 W
0.5 %
1/3 Pn
0.4 W
0.75 W
1.5 W
0.3 %
AMBIENT TEMPERATURE IN °C
125
100
75
50
37
25
0
0
50
100
150
200
250 275 300 350
RATED POWER IN W
250
200
150
100
50
0
0
1
2
3
RMB1.
5
RMBS1
RMB3
RMB
S2
ORDERING INFORMATION
RMB
105
R5000
J
S00
RMBS
05
22R00
J
S14
MODEL
STYLE
OHMIC VALUE
TOLERANCE
PACKAGING
GLOBAL PART NUMBER INFORMATION
R
M
B
105
300
R
0
J
S
00
GLOBAL
MODEL
SIZE
OPTION
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
RMB
RMBS
RMB:
075
105
300
RMBS:
05
10
20
N = Non
inductive
winding
The first four digits are
significant figures and
the last digit specifies
the number of zeros
to follow.
R designates decimal
point.
300R0 = 300
680R0 = 680
20301 = 20.3 k
88R88 = 88.88
...
F = 1 %
J = 5 %
Standard Packaging:
RMB:
Size 075 and 105: S14 = Bag, 100 pieces
Size 300: S09 = Bag, 50 pieces
RMBS:
Size 05 and 10: S14 = Bag, 100 pieces
Size 20: S09 = Bag, 50 pieces
Other packagings available
As applicable
Ex = MEX



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com