Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8982AS Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT8982AS
Description  ISO-CMOS ST-BUS??FAMILY Small Digital Switch (MiniDX)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8982AS Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT8982AS Datasheet HTML 1Page - Mitel Networks Corporation MT8982AS Datasheet HTML 2Page - Mitel Networks Corporation MT8982AS Datasheet HTML 3Page - Mitel Networks Corporation MT8982AS Datasheet HTML 4Page - Mitel Networks Corporation MT8982AS Datasheet HTML 5Page - Mitel Networks Corporation MT8982AS Datasheet HTML 6Page - Mitel Networks Corporation MT8982AS Datasheet HTML 7Page - Mitel Networks Corporation MT8982AS Datasheet HTML 8Page - Mitel Networks Corporation MT8982AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ISO-CMOS
MT8982
2-35
into RxD by the rising edges of the next eight SCLK
cycles. If the operation is a read, eight data bits are
clocked from TxD by the falling edges of the next
eight SCLK cycles. The rising edge of CS tristates
TxD after the last transmitted bit.
Successive write microcycles can take place while
CS remains low, with each microcycle following the
sequence of a command/address byte followed by a
data byte. CS must go high after a read microcycle.
Note that a command/address byte must always
follow the high to low transition on CS.
When the MPS input is pulled high and the CS input
is pulled low, the microport is put into serial bus
mode. Pins RxD and SCLK become CSTi0 and
CSTi1, respectively, and are configured as 2048 kbit/
s serial streams with 32 channels each. The frame
and timeslot boundaries are determined by F0i and
C4. Each channel on CSTi0 and CSTi1 is stored in
the connect memory address corresponding to the
link and channel number. The Data Memory and the
Connect Memory cannot be read when the microport
is in serial bus mode.
Device Timing
During each TDM timeslot, eight read or write
operations occur internally in the MT8982. These are
shown in Figure 4. During the first two bit periods,
data received in the previous timeslot on the two
input TDM streams is loaded into the Data Memory.
Bit periods 2 and 6 are serial microport access
windows; data may be read from, or written to any
accessible memory location.
During bit periods 3
and 5, data is read from the connect memory for the
next timeslot on links 0 and 1 respectively. The Data
Memory locations which are addressed by the
previous reads of the connect memory are accessed
during bit periods 4 and 7.
When the microport is in serial bus mode, bit periods
2 and 6 have a slightly different function. Data from
the
previous
timeslot
of
CSTi0
and
CSTi1
respectively is written to the corresponding connect
memory locations.
The transfer of information from the input TDM
streams to the output TDM streams results in a delay
through the MT8982. This delay is dependent only
on the combination of source and destination
Table 1. Command Address Byte
Table 2. Connect Memory Connection Mode Data Byte
Bit
Name
Description
7
Stream
Stream. This is the most significant bit of the address for the memory location that
is to be accessed. It corresponds to one of the TDM serial streams (0-1).
2-6
Ch0-Ch4
Channel 0-4. These bits are the five least significant bits of the address for the
memory location that is to be accessed. The binary value of these bits correspond
to a TDM channel (0-31).
0-1
Cmd0-Cmd1
Command Select 0-1. These two bits define the four command operations for the
MT8982. The destination addressed by the command is defined in bits 2-7 of the
Command/Address byte.
Cmd0-Cmd1
0-0
Read from Connect Memory.
0-1
Write to Connect Memory and set connection mode.
1-0
Read Data Memory.
1-1
Write to Connect Memory and set message mode.
Bit
Name
Description
7
NA
Unused.
6
ODE
Output Drive Enable. When this bit is set, the addressed TDM channel is placed
in tristate. When low, the output is enabled.
5
STi
Input Stream. This bit defines the input TDM stream from which the output data is
sourced (0-1).
0-4
SC0-SC4
Source Channel 0-4. The binary value of these bits defines the input channel from
which the output data is sourced (0-31).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com