Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8982AS Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT8982AS
Description  ISO-CMOS ST-BUS??FAMILY Small Digital Switch (MiniDX)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8982AS Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT8982AS Datasheet HTML 3Page - Mitel Networks Corporation MT8982AS Datasheet HTML 4Page - Mitel Networks Corporation MT8982AS Datasheet HTML 5Page - Mitel Networks Corporation MT8982AS Datasheet HTML 6Page - Mitel Networks Corporation MT8982AS Datasheet HTML 7Page - Mitel Networks Corporation MT8982AS Datasheet HTML 8Page - Mitel Networks Corporation MT8982AS Datasheet HTML 9Page - Mitel Networks Corporation MT8982AS Datasheet HTML 10Page - Mitel Networks Corporation MT8982AS Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ISO-CMOS
MT8982
2-37
Write Connect Memory - Set Connection Mode
(Cmd0-1: 0,1)
The
corresponding
output
channel
to
the
addressed
Connect
Memory
location
is
configured in connection mode. The Connection
Mode Data Byte (Table 2) will be received by the
MT8982 in the following data byte. Bits 0 to 4
(SC0-SC4) select the source input channel for
switching to this output channel.
Bit 5 (STi)
selects the input stream. Bit 6 (ODE) enables/
disables tristate for this channel. Bit 7 is unused
in connection mode.
Read Data Memory (Cmd0-1: 1,0)
The contents of the addressed Data Memory
location are transmitted to the microcontroller in
the following data byte.
Write Connect Memory - Set Message Mode
(Cmd0-1: 1,1)
The
corresponding
output
channel
to
the
addressed
Connect
Memory
location
is
configured in message mode. The following data
byte will be received by the MT8982 and written
to the address Connect Memory location.
The
data
byte
will
be
output
directly
to
the
corresponding output channel.
The following example shows a typical programming
sequence for the MT8982. A connection is to be
made from stream 1 channel 6 to stream 0 channel
15:
•
The microcontroller pulls CS low.
•
The microcontroller transmits eight clock pulses
to SCLK and a Command/Address byte, HEX
3E, to RxD.
The Command/Address byte
addresses
output
channel
15,
stream
0,
configures that channel as connection mode
and identifies the microcycle as a write to the
Connect Memory.
•
The microcontroller transmits another eight
clock
pulses
to
SCLK
and
sends
the
Connection Mode Data Byte, HEX 26, to RxD.
The Connection Mode Data Byte addresses
input channel 6, stream 1 in the Data Memory.
Note that at least two microseconds must occur
between the two accesses.
The
connection
is
now
complete.
The
microcontroller may now check that the connection is
correct:
•
The microcontroller transmits eight clock pulses
to SCLK and a Command/Address byte, HEX
3C, to RxD.
The Command/Address byte
addresses output channel 15, stream 0 and
identifies the microcycle as a read from the
Connect Memory.
•
The microcontroller transmits another eight
clock pulses to SCLK. The MT8982 outputs the
Connect Memory data, HEX 26, on TxD.
At
least two microseconds must occur between
the two accesses to ensure that the MiniDX can
clock out the data.
•
CS goes high to terminate the session.
This connection is only in one direction. To make a
bidirectional connection the MT8982 must also be
programmed to connect stream 0 channel 15 to
stream 1 channel 6.
Serial Bus Mode
When the microport is in serial bus mode the
MT8982 is programmed via the two ST-BUS serial
streams CSTi0 and CSTi1. Each channel in these
two streams is written directly into the corresponding
address in the Connect Memory. The data written to
the Connect Memory is always the Connection Mode
Data Byte as described in Table 2.
To set up a
connection, the Connection Mode Data Byte is
transmitted to the MT8982 on the CSTi stream and
channel number which is the same as the desired
STo stream and channel number.
As long as the
device remains in serial bus mode, the Connection
Mode Data byte must be transmitted continuously,
every frame, to maintain the connection.
Message mode is not available when the device is in
serial bus mode. Also, neither the Connect Memory
nor the Data Memory can be read while the device is
in serial bus mode.
MITEL’s MT8980, MT9080 and
MT8920 devices can all be used as programmable
parallel-to-ST-BUS serial interfaces for CSTi0 and
CSTi1.
Initialization
On power up the contents of the Connect Memory
can be in any state.
In order to prevent false
programming of peripheral ST-BUS devices or false
data transmission, ODE should be kept low during
power up. This will keep the two TDM outputs in high
impedance until the MT8982 Connect Memory is
programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com