Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3102 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # LS3102
Description  Simple LCD micro-controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3102 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  LS3102 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3102 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3102 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3102 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS3102 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS3102 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS3102 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS3102 Datasheet HTML 8Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LSI
LS3102
2
Functional Description
1. RC Oscillator /Crystal
The LS3102 can use either a crystal oscillator or RC oscillator to provide the internal timing by
mask option.
2. Program ROM
The LSI3102 has internal 1Kx12 bit ROM providing simple operation. It has four internal stack.
3. Interrupt Control
The LSI3102 has 5 different sources of interrupt, namely, POWERUP, F4HZ, F16HZA, F16HZS
and F1HZ. The starting address of the interrupt are as follow :
Interrupt
Address
POWERUP
0x3ff
F1HZ
0x3fe
F4HZ
0x3fc
F16HZA
0x3f8
F16HZS
0x3f1
The system generates 16 interrupts for F16HZS in one second but only 11 interrupts for F16HZA.
The other 5 interrupts goes to F4HZ (4) and F1HZ (1) interrupts.
3. RAM
The system has 73x4bit of program RAM with IO address as follows.
Address
Description
Initialize
0-0fH
RAM
undefined
10H-1fH
Display RAM
undefined
20-2fH
RAM
undefined
30H
rptrl
undefined
31H
rptrh
undefined
32H
rptr1
undefined
33H
Beep Control
0
34H-3fH
RAM
Undefined
54H-56H
Display RAM
Undefined
58H-5AH
Display RAM
Undefined
5CH-5EH
Display RAM
Undefined
70H
Tone Data Low
Undefined
71H
Tone Data High
Undefined
72H
Tone Control Register
0
73H
IOX Register
0
Address 31H:30H forms a 8 bit address for indirect read/write operation.
Address 32H:30H forms a 8 bit address for indirect read/write operation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com