Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3102 Datasheet(PDF) 3 Page - BOWIN ELECTRONIC CO.

Part # LS3102
Description  Simple LCD micro-controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3102 Datasheet(HTML) 3 Page - BOWIN ELECTRONIC CO.

  LS3102 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3102 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3102 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3102 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS3102 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS3102 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS3102 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS3102 Datasheet HTML 8Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LSI
LS3102
3
4. Buzzer Control/Tone Generator Control
The system can output 4khz/2khz alarm signal by mask option. The alarm signal is enabled to the
output B0, B1 when the Beep Control Register: Bit[0] is high.
Tone Control Registers (70H – 72H) is used to control the Tone Generator to generate music tone
signal at the buzzer output pad B0, B1.
5. LCD driver
The system has 16 LCD segment pad with 2/3/4 common pads (mask option) providing 28x2, 28x3
or 16x4 + 12 x3 LCD segment output.
The LCD segment table is shown below :
COM 1
COM2
COM3
COM4
SEG[1:4]
1CH:D[0:3]
18H:D[0:3]
14H:D[0:3]
10H:D[0:3]
SEG[5:8]
1DH:D[0:3]
19H:D[0:3]
15H:D[0:3]
11H:D[0:3]
SEG[9:12]
1EH:D[0:3]
1AH:D[0:3]
16H:D[0:3]
12H:D[0:3]
SEG[13:16]
1FH:D[0:3]
1BH:D[0:3]
17H:D[0:3]
13H:D[0:3]
SEG[17:20]
5CH:D[0:3]
58H:D[0:3]
54H:D[0:3]
Not implemented
SEG[21:24]
5DH:D[0:3]
59H:D[0:3]
55H:D[0:3]
Not implemented
SEG[25:28]
5EH:D[0:3]
5AH:D[0:3]
56H:D[0:3]
Not implemented
6. EL Driver
R0, R1 can be configured as general output or E.L. output. When it is configured as E.L. output,
the EL output frequency can also be mask selected as follow :
PUMP FREQUENCY, R0
A.C. FREQUENCY, R1
E.L. DUTY CYCLE
32KHZ
F512HZ
1/4
16KHZ
F256HZ
2/4
8KHZ
TONE GENERATOR CONTROL
3/4
7. Mask option
Name
description
BZ2K/4K
buzzer frequency
BZ[0], BZ[1]
buzzer control
FSYSPRB
Power Up Control



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com