Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3263 Datasheet(PDF) 7 Page - BOWIN ELECTRONIC CO.

Part # LS3263
Description  6 Dot Animation 4 Digit Alarm Clock With Calendar
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3263 Datasheet(HTML) 7 Page - BOWIN ELECTRONIC CO.

  LS3263 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3263 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3263 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3263 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS3263 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS3263 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS3263 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS3263 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS3263 Datasheet HTML 9Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LSI
LS 3263
6 Dot Animation 4 Digit Alarm Clock With Calendar
Application Circuit
3263
GND
MODE
OI
OO
PB
SET
T1
T2
V1
V2
VDD
VEE
B0
B1
BOP[0]
BOP[1]
BOP[2]
BOP[3]
C[1:2]
S[1:14]
VDD
VDD
Bonding Option Pin
SUBSTRATE TO VDD
0.1
0.1
S[1:14]
C[1:2]
LSI
LCD
PIEZO BUZZER
XTAL
32768Hz
1.5V
Bonding Option Pin: BOP[0] and BOP[1] to select total numbers of dots:
BOP[1] BOP[0]
D1, D2 and D3 (3 dots)
GND
GND
D1, D2, D3 and D4 (4 dots)
GND
VDD
D1, D2, D3, D4 and D5 (5 dots)
VDD
GND
D1, D2, D3, D4, D5 and D6 (6 dots)
VDD
VDD
Bonding Option Pin: BOP[2] and BOP[3] to select display pattern of dots:
BOP[2] BOP[3]
Accumulated mode
GND
VDD
Special Pattern mode
VDD
GND
One By One mode
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com