Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3263 Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO.

Part # LS3263
Description  6 Dot Animation 4 Digit Alarm Clock With Calendar
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3263 Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO.

  LS3263 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3263 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3263 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3263 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS3263 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS3263 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS3263 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS3263 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS3263 Datasheet HTML 9Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LSI
LS 3263
6 Dot Animation 4 Digit Alarm Clock With Calendar
Features:
(a) Single 1.5V operating voltage.
(b) Directly driving 2x14 segment LCD.
(c) 3 display functions: Clock(12 hour format), date and second.
(d) 32768 Hz quartz crystal provide the time base, and machine cycle = 4KHz.
(e) Power on reset: When the power up, all LCD segments and the alarm sound
are turned on for one second.
(f) Programmable reset: When “ M ” key and “ S ” key press together, all LCD
segments and it generates a sound(4KHz x 8Hz x 1Hz)
with external trigger function. It will be stop and return
to normal clock mode until release all keys..
(g) Low power dissipation.
(h) Key tone : It will generate a sound signal (tone) when only one key is pressed.
(i) Bonding option to select total numbers of dots(3, 4, 5 and 6 dots)
(j) Animation of dots with 3 bonding option :
One by one[off, 1, 2, 3, 4, 5, 6, off, 1, 2, 3, ….].
Accumulated[off, 1, 1+2, 1+2+3, 1+2+3+4, …. 1+2+3+4+5+6, off, 1, ..].
Special pattern[off, 1+2, 2+3, 3+4, 4+5, 5+6, off, 1+2, …]
(k) Keys: “ M ” --- Mode (mode and adjust), “ S ” --- setting.
General Description
The LS3263 is a single chip CMOS timer circuit with new animation watch I.C. It is
designed to direct drive a LCD. The timer circuit is based on a 32768Hz quartz crystal
controlled oscillator. An oscillator capacitor is build in the chip. An external 32768Hz
quartz crystal is required to complete the oscillator circuit. The operation of the basic
timekeeping functions is controlled via two keys. When power up reset, the clock will be
reset to 1.1 12:00 and 00 seconds(12 hour format). The circuit has a built-in voltage doubler
(to drive the LCD ) which needs two external capacitors. Only one 1.5V battery is required
to power the entire circuit.


Similar Part No. - LS3263

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
LS3262 BOWIN-LS3262 Datasheet
92Kb / 9P
4 Digit Alarm Clock With Calendar
More results

Similar Description - LS3263

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1243 XICOR-X1243 Datasheet
90Kb / 18P
Real Time Clock/Calendar/Alarm with EEPROM
logo
Intersil Corporation
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
Real Time Clock/Calendar/Alarm with EEPROM
April 28, 2005
logo
Extech Instruments Corp...
445810 EXTECH-445810 Datasheet
272Kb / 1P
Radio Controlled Thermometer Calendar/Clock with Alarm
logo
NXP Semiconductors
PCF85063ATL NXP-PCF85063ATL Datasheet
544Kb / 54P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 2-15 April 2013
PCF85063BTL NXP-PCF85063BTL Datasheet
533Kb / 53P
Tiny Real-Time Clock/calendar with alarm function and SPI-bus
Rev. 2-15 April 2013
logo
BOWIN ELECTRONIC CO.
LS3262 BOWIN-LS3262 Datasheet
92Kb / 9P
4 Digit Alarm Clock With Calendar
LS3273E BOWIN-LS3273E Datasheet
122Kb / 9P
Lcd 4 Digit Alarm Clock With 16 Dots Animation
logo
NXP Semiconductors
PCF85063A NXP-PCF85063A Datasheet
715Kb / 65P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCA85063A NXP-PCA85063A Datasheet
677Kb / 59P
Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
PCF85063A NXP-PCF85063A_V01 Datasheet
698Kb / 55P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7.1 - 8 November 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com