Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3321 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # LS3321
Description  256 dot LCD micro-controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3321 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  LS3321 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3321 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3321 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3321 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS3321 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS3321 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS3321 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS3321 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS3321 Datasheet HTML 9Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LSI
LS3321
2
Functional Description
1. RC Oscillator /Crystal
The LS3321 can use either a crystal oscillator or RC oscillator to provide the internal timing by
bonding option.
2. Program ROM
The LS3321 has internal 3Kx12 bit ROM providing simple operation. It has six internal stacks.
The program ROM is page-segmented with 1K per page. To access pages higher than 1K, use the
CALL instruction. The CALL instruction jumps to the address defined by ROMPAGE.jjjjjjjjjj where
jjjjjjjjjj is specified in the CALL instruction.
3. Interrupt Control
The LS3321 has 5 different sources of interrupt, namely, POWERUP, F4HZ, F16HZA, F16HZS and
F1HZ. The starting address of the interrupt are as follow :
Interrupt
Address
POWERUP
0x3ff
F1HZ
0x3fe
F4HZ
0x3fc
F16HZA
0x3f8
F16HZS
0x3f1
The system generates 16 interrupts for F16HZS in one second but only 11 interrupts for F16HZA.
The other 5 interrupts goes to F4HZ (4) and F1HZ (1) interrupts.
4. Program RAM
The system has 128x4bit of program RAM (00H to 7fH) with IO address as follows.
Address
Description
Initialize
0H
RptrL
undefined
1H
RptrH
undefined
2H
Rptr1L
undefined
3H
Rptr1H
undefined
4H
Beep Control
0
5H
ROM PAGE
0
6H
RAM PAGE
0
7H
No use
0
8H
IOP0
IO[0:3]
9H
IOP1
IO[4:7]
AH
IOP2
IO[8:11]
BH
IOP3
INP[0:3]
CH(read)
Timer 1 Value
-
CH(write)
Timer 1 Data
-
DH(write)
Timer 1 Control
0
FH(write)
COM/OUTPUT (XXX0/XXX1)
XXX0
10H-3FH
SYSTEM RAM
-
40H-7FH
DISPLAY RAM
-
80H-AFH
SYSTEM RAM
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com