Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3321 Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO.

Part # LS3321
Description  256 dot LCD micro-controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3321 Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO.

  LS3321 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3321 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3321 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3321 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS3321 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS3321 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS3321 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS3321 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS3321 Datasheet HTML 9Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LSI
LS3321
256 dot LCD micro-controller
Features :
* 12 Input/Output pad.
* Direct drive buzzer output.
* 3072x12 bit ROM.
* 176x4 bit of RAM.
* 32x4, x5, x6, x7 or 32x8 LCD segment.
* 1/4 LCD bias.
* 32768 Crystal/RC oscillator bonding option.
* Single 1.5V operation.
* Low cost and low price.
General Description
The LS3321 is a micro-controller for LCD application. It has an internal ROM size of 3Kx12bit.
A 176x4 bit of RAM, 32x4, x5, x6, x7 or x8 LCD segment with 1/4 bias. It has 12 I/O (mask option)
pad. It directly drive a buzzer output. The buzzer driver can also be used as general purpose I/O by
mask option.
The system oscillator can be R/C or 32kHz Crystal oscillator.
It is suitable for
timer/calendar/controller function.


Similar Part No. - LS3321

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LS33 GOOD-ARK-LS33 Datasheet
410Kb / 4P
Surface Mount Schottky Rectifier
logo
First Silicon Co., Ltd
LS33 FS-LS33 Datasheet
132Kb / 2P
Schottky Rectifier
logo
ice Components, Ins.
LS3316 ICE-LS3316 Datasheet
179Kb / 1P
Surface Mount Power Inductors
LS3316 ICE-LS3316 Datasheet
542Kb / 1P
Surface Mount Power Inductors
LS3316-100-RM ICE-LS3316-100-RM Datasheet
179Kb / 1P
Surface Mount Power Inductors
More results

Similar Description - LS3321

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
MSM6240 OKI-MSM6240 Datasheet
449Kb / 25P
DOT MATRIX LCD CONTROLLER
MSM6255 OKI-MSM6255 Datasheet
485Kb / 39P
DOT MATRIX LCD CONTROLLER
MSM9000B OKI-MSM9000B Datasheet
223Kb / 38P
DOT MATRIX LCD CONTROLLER
logo
Hitachi Semiconductor
HD66760 HITACHI-HD66760 Datasheet
653Kb / 105P
104 X 80-dot Graphics LCD Controller/Driver for 256 Colors
logo
RAIO Technology Inc.
RA6963 RAIO-RA6963 Datasheet
1Mb / 46P
Dot Matrix LCD Controller Specification
RA8835 RAIO-RA8835 Datasheet
119Kb / 6P
Dot Matrix LCD Controller Specification
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
logo
BOWIN ELECTRONIC CO.
LS3201 BOWIN-LS3201 Datasheet
70Kb / 8P
84 dot LCD micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com