Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5015 Datasheet(PDF) 7 Page - BOWIN ELECTRONIC CO.

Part # LS5015
Description  Simple LCD micro-controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS5015 Datasheet(HTML) 7 Page - BOWIN ELECTRONIC CO.

  LS5015 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS5015 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS5015 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS5015 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS5015 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS5015 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS5015 Datasheet HTML 7Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LSI
LS5015
7
LCD DRAWING
PIN |SIG|
C1
| C2
| C3
==============================
1
|C3 |
|
| COM3
2
|C2 |
| COM2|
3
|C1 | COM1 |
|
4
|S1 | 1F
| 1E
| AA
5
|S2 | 1A
| 1G
| 1D
6
|S3 | 2F
| 1B
| 1C
7
|S4 | 2A
| 2G
| 2E
8
|S5 | 2B
| 2C
| 2D
9
|S6 | 3F
| BB
| 3E
10
|S7 | 3A
| 3G
| 3D
11
|S8 | 3B
| 3C
| 4E
12
|S9 | 4F
| 4G
| 4D
13
|S10| 4A
| 4B
| 4C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com